Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3857IGN-1 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3857IGN-1
Description  Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3857IGN-1 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3857IGN-1 Datasheet HTML 2Page - Linear Technology LTC3857IGN-1 Datasheet HTML 3Page - Linear Technology LTC3857IGN-1 Datasheet HTML 4Page - Linear Technology LTC3857IGN-1 Datasheet HTML 5Page - Linear Technology LTC3857IGN-1 Datasheet HTML 6Page - Linear Technology LTC3857IGN-1 Datasheet HTML 7Page - Linear Technology LTC3857IGN-1 Datasheet HTML 8Page - Linear Technology LTC3857IGN-1 Datasheet HTML 9Page - Linear Technology LTC3857IGN-1 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
LTC3857-1

38571fa
Typical perForMance characTerisTics
Total Input Supply Current
vs Input Voltage
EXTVCC Switchover and INTVCC
Voltages vs Temperature
INTVCC Line Regulation
Maximum Current Sense Voltage
vs ITH Voltage
SENSE– Pin Input Bias Current
Maximum Current Sense
Threshold vs Duty Cycle
Foldback Current Limit
Quiescent Current vs Temperature
INTVCC and EXTVCC
vs Load Current
INPUT VOLTAGE (V)
5
0
50
150
200
250
500
350
15
25
30
38571 G10
100
400
450
300
10
20
35
40
NO LOAD
300µA
500µA
VOUT1 = 3.3V
RUN2 = 0V
FIGURE 13 CIRCUIT
TEMPERATURE (°C)
–45
4.0
4.2
4.6
4.8
5.0
6.0
5.4
5
55
80
38571 G11
4.4
5.6
5.8
5.2
–20
30
105 130
INTVCC
EXTVCC RISING
EXTVCC FALLING
VSENSE COMMON MODE VOLTAGE (V)
0
–600
–500
–400
–300
–200
0
5
10
15
20
38571 G14
25
–100
–550
–450
–350
–250
–50
–150
TEMPERATURE (°C)
–45
75
30
38571 G17
60
50
–20
5
55
45
40
80
70
65
55
80
105 130
LOAD CURRENT (mA)
0
5.10
5.15
5.20
160
38571 G18
5.05
5.00
4.95
20 40 60 80 100 120 140
180 200
EXTVCC = 0V
EXTVCC = 8.5V
VIN = 12V
INPUT VOLTAGE (V)
0
5.0
5.1
40
38571 G12
4.9
4.8
10
20
30
5
15
25
35
5.2
VITH (V)
0
40
60
80
0.6
1.0
38571 G13
20
0
0.2
0.4
0.8
1.2
1.4
–20
–40
Burst Mode
OPERATION
PULSE-SKIPPING MODE
5% DUTY CYCLE
FORCED CONTINUOUS MODE
DUTY CYCLE (%)
0
40
60
80
38571 G15
20
0
20
40 50
100
80
60
10
30
90
70
FEEDBACK VOLTAGE (V)
0
0
10
30
40
50
0.6
90
38571 G16
20
0.3
0.1
0.7
0.4
0.2
0.8
0.5
0.9
60
70
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com