Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5200B Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MPC5200B
Description  SDRAM/DDR Memory Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200B Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MPC5200B Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
MPC5200B Data Sheet, Rev. 4
Freescale Semiconductor
53
Figure 43. Timing Diagram — SPI Master Mode, Format 1 (CPHA = 1)
NOTE
Output timing is specified at a nominal 50 pF load.
Table 49. Timing Specifications — SPI Slave Mode, Format 1 (CPHA = 1)
Sym
Description
Min
Max
Units
SpecID
1
SCK cycle time, programable in the PSC CCS register
30.0
—
ns
A15.56
2
SCK pulse width, 50% SCK duty cycle
15.0
—
ns
A15.57
3
Slave select clock delay
0.0
—
ns
A15.58
4
Output data valid
—
14.0
ns
A15.59
5
Input Data setup time
2.0
—
ns
A15.60
6
Input Data hold time
1.0
—
ns
A15.61
7
Slave disable lag time
0.0
—
ns
A15.62
8
Minimum Sequential Transfer delay = 2 × IP-Bus clock cycle time
30.0
—
ns
A15.63
SCK
(CLKPOL=0)
SCK
(CLKPOL=1)
MOSI
Output
Output
Output
SS
Output
MISO
Input
1
22
7
8
3
4
6
10
9
9
10
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com