Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5200B Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # MPC5200B
Description  SDRAM/DDR Memory Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200B Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button MPC5200B Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 72 page
background image
MPC5200B Data Sheet, Rev. 4
54
Freescale Semiconductor
Figure 44. Timing Diagram — SPI Slave Mode, Format 1 (CPHA = 1)
1.3.17
GPIOs and Timers
1.3.17.1
General and Asynchronous Signals
The MPC5200B contains several sets if I/Os that do not require special setup, hold, or valid requirements. Most of these are
asynchronous to the system clock. The following numbers are provided for test and validation purposes only, and they assume
a 133 MHz internal bus frequency.
Figure 45 shows the GPIO Timing Diagram. Table 50 gives the timing specifications.
Table 50. Asynchronous Signals
Sym
Description
Min
Max
Units
SpecID
tCK
Clock Period
7.52
—
ns
A16.1
tIS
Input Setup
12
—
ns
A16.2
tIH
Input Hold
1
—
ns
A16.3
tDV
Output Valid
—
15.33
ns
A16.4
tDH
Output Hold
1
—
ns
A16.5
SCK
(CLKPOL=0)
SCK
(CLKPOL=1)
MOSI
Input
Input
Input
SS
Input
MISO
Output
1
22
7
8
3
4
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com