Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BVU-5M5WI4 Datasheet(PDF) 1 Page - Bright View Electronic Co., LTD.

Part # BVU-5M5WI4
Description  ULTRA BRIGHTNESS LED LAMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVU-5M5WI4 Datasheet(HTML) 1 Page - Bright View Electronic Co., LTD.

  BVU-5M5WI4 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVU-5M5WI4 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVU-5M5WI4 Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVU-5M5WI4 Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVU-5M5WI4 Datasheet HTML 5Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BRIGHT VIEW
ELECTRONICS CO.,LTD
Dice Material : GaN Blue
Light Color : White Color
Lens Color : Water Transparent
Stand-Off P/N : BVU-5M5WI4 R
RADIATION PATTERN
Tolerance ± 0.25 ㎜
ABSOLUTE MAXIMUM RATINGS AT Ta = 25 ℃
UNIT
mW
mA
mA
V
mA/oC
ELECTRICAL / OPTICAL CHARACTERISTICS AT Ta = 25 ℃
SYMBOL
UNIT
V F
Forward Voltage
V
I R
Reverse Current
μ
A
2θ1/2
Viewing Angle
Deg
I V
Luminous Intensity
mcd
BIN GRADE LIMITS (IF=20 mA) LUMINOUS INTENSITY / mcd
Bin
P
Q
R
S
Tolerance ± 15%mcd
Min.
4650
6000
7800
10000
Max.
6000
7800
10000
13000
BIN GRADE LIMITS (IF=20 mA) CHROMATICITY COORDINATES
x
0.260
0.260
0.275 0.275
x
0.320 0.320 0.335
0.335
y
0.240
0.280
0.300 0.260
y
0.330 0.370 0.390
0.350
x
0.275
0.275
0.290 0.290
x
0.335 0.335 0.350
0.350
y
0.260
0.300
0.320 0.280
y
0.350 0.390 0.410
0.370
x
0.290
0.290
0.305 0.305
x
0.350 0.350 0.365
0.365
y
0.280
0.320
0.345 0.305
y
0.370 0.410 0.430
0.390
x
0.305
0.305
0.320 0.320
x
0.365 0.365 0.380
0.380
y
0.305
0.345
0.370 0.330
y
0.390 0.430 0.450
0.410
2009/3/6 – C
ULTRA BRIGHTNESS LED LAMP
BVU-5M5WI4
PACKAGE CONFIGURATION
DESCRIPTION
PARAMETER
MAX.
Power Dissipation (PD)
120
Continuous Forward Current (IF)30
Peak Forward Current ( 1/10 Duty Cycle , 10ms Pulse Width ) (IFP)
100
Reverse Voltage (VR)5
Derating Linear From 25 ℃
0.4
TYP.
MAX.
PARAMETER
Operating Temperature Range (Topr)
30 ℃ to + 85 ℃
Storage Temperature Range (Tstg)
40 to + 100
30
4650
6000
*These products are sensitive to static electricity. Caution must be taken strictly to avoid static electricity.
I F = 20 mA
WA1
WB1
Please contact our sales department for more
information.
WD1
*Bright View reserves the rights to alter specifications and remove availability of products at any time without notice.
*Dominant Wavelength, λd is according to CIE Chromaticity Diagram base on color of lamps.
*θ1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity.
WC1
WB2
4.0
V R = 5V
10
I F = 20 mA
WA2
WC2
WD2
3.2
I F = 20 mA
Lead Solder Temperature 1.6 mm Below Package 260 ℃ for 5 seconds (Tsld)
TEST COND.
MIN.
CATHODE
CATHODE
1.3
5.9
5.9
4.9
5.0
7.6
1.0
25.4Min.
2.54
12.0 0.5
2.54
25.4Min.
1.0
1.0Min.
0.5
1.0Max.
60°
30°
-60°
-30°
Relative Luminous Intensity ( Iv % )
0
25
50
75
100
25 50 75 100


Similar Part No. - BVU-5M5WI4

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVU-5M5WI5 BVLED-BVU-5M5WI5 Datasheet
184Kb / 6P
ULTRA BRIGHTNESS LED LAMP
More results

Similar Description - BVU-5M5WI4

ManufacturerPart #DatasheetDescription
logo
AUK corp
SR5323-U AUK-SR5323-U Datasheet
277Kb / 3P
Ultra Brightness LED Lamp
logo
LUXPIA
LYU5000 LUXPIA-LYU5000 Datasheet
191Kb / 6P
Ultra Brightness LED Lamp
LGH5090 LUXPIA-LGH5090 Datasheet
134Kb / 6P
Ultra Brightness LED Lamp
LOU5020 LUXPIA-LOU5020 Datasheet
142Kb / 7P
Ultra Brightness LED Lamp
LOU4155 LUXPIA-LOU4155 Datasheet
96Kb / 6P
Ultra Brightness LED Lamp
logo
Bright View Electronic ...
BVU-3P0QT4 BVLED-BVU-3P0QT4 Datasheet
240Kb / 4P
ULTRA BRIGHTNESS LED LAMP
BVU-3X16WI4 BVLED-BVU-3X16WI4 Datasheet
194Kb / 5P
ULTRA BRIGHTNESS LED LAMP
BVU-5E1BA4 BVLED-BVU-5E1BA4 Datasheet
326Kb / 5P
ULTRA BRIGHTNESS LED LAMP
BVU-5E1GN4 BVLED-BVU-5E1GN4 Datasheet
251Kb / 5P
ULTRA BRIGHTNESS LED LAMP
BVU-5K5QT4 BVLED-BVU-5K5QT4 Datasheet
240Kb / 4P
ULTRA BRIGHTNESS LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com