Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BVU-5M5WI4 Datasheet(PDF) 4 Page - Bright View Electronic Co., LTD.

Part # BVU-5M5WI4
Description  ULTRA BRIGHTNESS LED LAMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVU-5M5WI4 Datasheet(HTML) 4 Page - Bright View Electronic Co., LTD.

  BVU-5M5WI4 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVU-5M5WI4 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVU-5M5WI4 Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVU-5M5WI4 Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVU-5M5WI4 Datasheet HTML 5Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BRIGHT VIEW
ELECTRONICS CO.,LTD
Apply to LAMP(DIP) series.
Description:
( 1 ) Manual soldering (Solder Iron)
(1.1) Temperature at tip of the iron: 300°C Max.
(1.2) It's banned to load any stress on the resin during soldering.
(1.3) Soldering time: 3 sec. Max.(one time only)
(1.4) Leave 3mm of minimum distance from the base of epoxy.
( 2 ) Dip Soldering(Wave soldering-Solder Bath)
(2.1) Leave 3mm of minimum distance from the base of the epoxy.
Soldering beyond the base of the tie bar(stand off) is recommended.
(2.2) When soldering, do not put stress on the LEDs during heating.
(2.3) Cutting the leadframes at high temperatures may cause LED failure.
(2.4) Never take next process until the component is cooled down to room temperature
after reflow.
(2.5) After soldering, do not warp the circuit board.
(2.6) The recommended dip soldering profile is the following:
2009/3/6 – C
BVU-5M5WI4
ULTRA BRIGHTNESS LED LAMP
300.0
Time ( sec. )
Degree C.
275.0
225.0
250.0
150.0
125.0
175.0
200.0
100.0
75.0
25.0
50.0
0.0
0.0
50.0
150.0
100.0
300.0
250.0
200.0
MAX 260 C ,5 sec.
>20 C
4 C / sec.
150 C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com