Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM2331 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM2331
Description  10-bit 30MSPS ADC with PGA and Clamp
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2331 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM2331 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 10Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 11Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 12Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 13Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
WM2331
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.4 April 2001
10
PROGRAMMABLE-GAIN AMPLIFIER
VP is amplified by the PGA and fed into the ADC as a differential voltage VQ = VQ+ - VQ-
()
M
IN
P
Q
V
V
Gain
V
Gain
V
×
=
×
=
The PGA gain defaults to 1.0 at power-up, but can be programmed from 0.5 to 4.0 in steps of 0.5.
ANALOGUE-TO-DIGITAL CONVERTER
Regardless of the reference configuration, VQ is digitised against ADC Reference Voltages REFTF
and REFBF, full scale values of VQ being given by:
2
REFBF
REFTF
V
QFS
=
+
and
=
2
REFBF
REFTF
V
QFS
Attempts to convert VQ voltages outside the range of VQFS- to VQFS+ are signalled to the application
by driving the OVR output pin high. If VQ is less than VQFS-, the ADC output code is 0. If VQ is greater
than VQFS+, the output code is 1023.
SIGNAL CHAIN SUMMARY
Combining the above equations and referring back to the input, the positive and negative full-scale
voltages at the AIN pin are:
Gain
REFBF
REFTF
V
V
M
INFS
×
+
=
+
2
and
Gain
REFBF
REFTF
V
V
M
INFS
×
=
2
Therefore the input signal span is given by:
Gain
REFBF
REFTF
V
V
INFS
INFS
=
+
In order to match the ADC input range to the input signal amplitude, REFTF and REFBF should be
set such that:
Gain
V
V
REFBF
REFTF
INFS
INFS
×
=
+
)
(
ADC REFERENCE MODES
The WM2331 supports three basic modes of reference generation, selected by the voltage applied to
the MODE pin. These are summarised and explained in Table 1.
In differential, Centre Span and Top/Bottom modes, the internally generated ADC references are
intened solely for WM2331 internal use and REFTF and REFBF must not be used as voltage
references for any other device in the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com