Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM2637 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM2637
Description  Dual 10-Bit Serial Input Voltage Output DAC with Internal Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2637 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM2637 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2637 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2637 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2637 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2637 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2637 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2637 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2637 Datasheet HTML 10Page - Wolfson Microelectronics plc WM2637 Datasheet HTML 11Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
WM2637
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 July 99
7
DEVICE DESCRIPTION
GENERAL FUNCTION
The device uses a resistor string network buffered with an op amp to convert 10-bit digital data to
analogue voltage levels (see Block Diagram). The output voltage is determined by the reference
input voltage and the input code according to the following relationship:
Output voltage =
( )
1024
code
V
2
REF
INPUT
OUTPUT
11
1111
1111
( )
1024
1023
V
2
REF
:
:
10
0000
0001
(
)
1024
513
V
2 REF
10
0000
0000
( )
REF
REF
V
1024
512
V
2
=
01
1111
1111
( )
1024
511
V
2
REF
:
:
00
0000
0001
( )
1024
1
V
2
REF
0000
0000
0000
0V
Table 1 Binary Code Table (0V to 2VREF Output), Gain = 2
POWER ON RESET
An internal power-on-reset circuit resets the DAC registers to all 0s on power-up.
BUFFER AMPLIFIER
The output buffer has a near rail-to-rail output with short circuit protection and can reliably drive a
2k
Ω load with a 100pF load capacitance.
SERIAL INTERFACE
When chip select (NCS) is low, the input data is read into a 16-bit shift register with the input data
clocked in most significant bit first. The falling edge of the SCLK input shifts the data into the input
register. After 16 bits have been transferred, the next rising edge on SCLK or NCS then transfers
the data to the DAC latch. When NCS is high, input data cannot be clocked into the input register
(see Table 2).
SERIAL CLOCK AND UPDATE RATE
Figure 1 shows the device timing. The maximum serial rate is:
fSCLKmax =
MHz
20
t
t
1
min
WCL
min
WCH
=
+
The digital update rate is limited to an 800ns period, or 1.25MHz frequency. However, the DAC
settling time to 10 bits limits the update rate for large input step transitions.
SOFTWARE CONFIGURATION OPTIONS
The 16 bits of data can be transferred with the sequence shown in Table 2. D11-D2 contains the 10-bit data
word. D15-D12 hold the programmable options which are summarized Table 3
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
R1
SPD PWD
R0
New DAC value or control register value
x
x
Table 2 Serial Word Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com