Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM2637 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM2637
Description  Dual 10-Bit Serial Input Voltage Output DAC with Internal Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2637 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM2637 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2637 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2637 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2637 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2637 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2637 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2637 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2637 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2637 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
WM2637
Dual 10-Bit Serial Input Voltage Output DAC
with Internal Reference
Production Data, Rev 1.0, July 1999
WOLFSON MICROELECTRONICS LTD
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
http://www.wolfson.co.uk
Production Data contains final specifications
current on publication date. Supply of products
conforms to Wolfson Microelectronics' Terms
and Conditions.
Last printed 15/07/99 15:56
©1999 Wolfson Microelectronics Ltd
.
FEATURES
•
Dual 10-bit voltage output DAC
•
Single 2.7V to 5.5V supply
•
DNL
±±0.1 LSBs, INL ±±0.4 LSBs
•
Internal programmable voltage reference
•
Low power consumption:
• 5.5 mW, slow mode - 5V supply
• 3.3 mW, slow mode - 3V supply
•
TMS320, (Q) SPI
TM, and MicrowireTM compatible serial
interface
•
Programmable settling time of 1
µµs or 3.5µµs typical
•
Power down mode 10nA
APPLICATIONS
•
Battery powered test instruments
•
Digital offset and gain adjustment
•
Battery operated/remote industrial controls
•
Machine and motion control devices
•
Wireless telephone and communication systems
•
Speech synthesis
•
Arbitrary waveform generation
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
WM2637CD
0° to 70°C
8-pin SOIC
WM2637ID
-40° to 85°C
8-pin SOIC
DESCRIPTION
The WM2637 is a dual 10-bit voltage output, resistor string, digital-
to-analogue converter. A software controlled power down mode is
provided that reduces current consumption to 10nA.
The WM2637 features an internal programmable voltage reference
simplifying overall system design. A reference voltage may also be
supplied externally.
The device has been designed to interface efficiently to industry
standard microprocessors and DSPs, including the TMS320
family. The WM2637 is programmed with a 16-bit serial word
comprising of a latch address, mode DAC control bits and DAC or
control data.
Excellent performance is delivered with a typical DNL of 0.1 LSBs.
The programmable settling time allows the designer to optimize
speed versus power consumption. The output stage is buffered by
a x2 gain near rail-to-rail amplifier.
The device is available in an 8-pin SOIC package ideal for space-
critical applications. Commercial temperature (0
° to 70°C) and
industrial temperature (-40
° to 85 °C) variants are supported.
BLOCK DIAGRAM
TYPICAL PERFORMANCE
(7) OUTB
(4) OUTA
10-BIT
DAC B
HOLDING
LATCH
10-BIT
DAC A
LATCH
REF(6)
POWER-ON
RESET
DIN (1)
SCLK (2)
NCS (3)
(5)
AGND
POWERDOWN/
SPEED
CONTROL
10-BIT
DAC B
LATCH
DAC
OUTPUT
BUFFER
2-BIT
CONTROL
LATCH
X1
X2
X2
DAC
OUTPUT
BUFFER
REFERENCE
INPUT
BUFFER
REFERENCE
INPUT BUFFER
16-BIT
SHIFT
REGISTER
AND
CONTROL
LOGIC
2-BIT
REFERENCE
SELECT
LATCH
1.024V/2.048V
SELECTABLE
REFERENCE
X1
VDD
(8)
c
X1
REFERENCE
OUTPUT BUFFER
WITH OUPUT
ENABLE
WM2637
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0
256
512
767
1023
DIGITAL CODE
5V = VDD, V
REF = External, Speed = Slow mode, Load = 10k/100pF


Similar Part No. - WM2637

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2630CDT WOLFSON-WM2630CDT Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2630IDT WOLFSON-WM2630IDT Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631CDT WOLFSON-WM2631CDT Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
More results

Similar Description - WM2637

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2626 WOLFSON-WM2626 Datasheet
109Kb / 11P
Low Power Dual 8-bit Serial Input DAC with Internal Reference
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2632 WOLFSON-WM2632 Datasheet
122Kb / 13P
Octal 8-bit, Serial Input, Voltage Output DAC with Internal Rererence
WM2636 WOLFSON-WM2636 Datasheet
392Kb / 10P
12-bit Serial Input Voltage Output DAC with Internal Reference
WM2638 WOLFSON-WM2638 Datasheet
360Kb / 11P
Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
WM2639 WOLFSON-WM2639 Datasheet
342Kb / 10P
12-Bit Parallel Input Voltage Output DAC with Internal Reference
logo
Maxim Integrated Produc...
MAX5232 MAXIM-MAX5232 Datasheet
973Kb / 18P
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5232 MAXIM-MAX5232_09 Datasheet
656Kb / 18P
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 2; 5/09
logo
Texas Instruments
DAC61402 TI-DAC61402 Datasheet
4Mb / 52P
DAC61402 Dual, 12-Bit, High-Voltage-Output DAC With Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com