Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8143-12CFT/V Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8143-12CFT/V
Description  12-bit/4MSPS CCD Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8143-12CFT/V Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8143-12CFT/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8143-12CFT/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8143-12CFT/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8143-12CFT/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8143-12CFT/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8143-12CFT/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8143-12CFT/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8143-12CFT/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8143-12CFT/V Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
WM8143-12
Production Data
Wolfson Microelectronics
PD. Rev 4 Nov. 99
12
When the VS/RS control is activated the switch closes
and the effective impedance of the input is 1/CF where
the value of C changes from 0.3pF for minimum gain to
9.6pF for maximum gain and F is the sample frequency
in Hz. Table 2 illustrates the maximum and minimum
input impedance at different frequencies.
SAMPLING
FREQUENCY
(MHz)
IMPEDANCE
(M
Ω
Ω) MIN
GAIN
IMPEDANCE
(K
Ω
Ω) MAX
GAIN
0.5
6.6
208
1
3.3
104
2
1.6
52
4
0.8
26
Table 2 Effects of Frequency on Input Impedance
Calibration
To achieve optimum performance of the WM8143-12, a
calibration procedure must be implemented. This is
achieved by using a combination of the gain and offset
functions to amplify and shift the input signal so that it
lies within and maximises the input ADC range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com