Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8143-12CFT/V Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8143-12CFT/V
Description  12-bit/4MSPS CCD Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8143-12CFT/V Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8143-12CFT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8143-12CFT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8143-12CFT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8143-12CFT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8143-12CFT/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8143-12CFT/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8143-12CFT/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8143-12CFT/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8143-12CFT/V Datasheet HTML 24Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
WM8143-12
Production Data
Wolfson Microelectronics
PD. Rev 4 Nov. 99
24
Package Dimensions
NOTES:
A. ALL LINEAR DIMENSIONS ARE IN MILLIMETERS.
B. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
C. BODY DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSION, NOT TO EXCEED 0.25MM.
D. MEETS JEDEC.95 MS-026, VARIATION = BBA. REFER TO THIS SPECIFICATION FOR FURTHER DETAILS.
Symbols
Dimensions
(mm)
MIN
NOM
MAX
A
-----
-----
1.60
A1
0.05
-----
0.15
A2
1.35
1.40
1.45
b
0.30
0.37
0.45
c
0.09
-----
0.20
D
9.00 BSC
D1
7.00 BSC
E
9.00 BSC
E1
7.00 BSC
e
0.80 BSC
L
0.45
0.60
0.75
Θ
0
o
3.5
o
7
o
Tolerances of Form and Position
ccc
0.10
REF:
JEDEC.95, MS-026
DM002.B
FT: 32 PIN TQFP (7 x 7 x 1.4 mm)
A
17
24
8
1
D1
D
E1
E
9
16
25
32
b
e
ccc
SEATING PLANE
C
A1
A2
-C-
Θ
c
L
Last page of WM8143-12 Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com