Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GF063P1KPKB101K Datasheet(PDF) 8 Page - TOCOSAMERICA, INC.

Part # GF063P1KPKB101K
Description  1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

GF063P1KPKB101K Datasheet(HTML) 8 Page - TOCOSAMERICA, INC.

  GF063P1KPKB101K Datasheet HTML 1Page - TOCOSAMERICA, INC. GF063P1KPKB101K Datasheet HTML 2Page - TOCOSAMERICA, INC. GF063P1KPKB101K Datasheet HTML 3Page - TOCOSAMERICA, INC. GF063P1KPKB101K Datasheet HTML 4Page - TOCOSAMERICA, INC. GF063P1KPKB101K Datasheet HTML 5Page - TOCOSAMERICA, INC. GF063P1KPKB101K Datasheet HTML 6Page - TOCOSAMERICA, INC. GF063P1KPKB101K Datasheet HTML 7Page - TOCOSAMERICA, INC. GF063P1KPKB101K Datasheet HTML 8Page - TOCOSAMERICA, INC. GF063P1KPKB101K Datasheet HTML 9Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
5,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
205
505
GF063X1K Through-Hole, X1 Terminal Style, Side Adjust Knob
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
GF063X1K B 100 K
GF063X1K B 200 K
GF063X1K B 500 K
GF063X1K B 101 K
GF063X1K B 201 K
GF063X1K B 501 K
GF063X1K B 102 K
GF063X1K B 202 K
GF063X1K B 502 K
GF063X1K B 103 K
GF063X1K B 203 K
GF063X1K B 503 K
GF063X1K B 104 K
GF063X1K B 204 K
GF063X1K B 504 K
GF063X1K B 105 K
GF063X1K B 205 K
GF063X1K B 505 K
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
GF063X1K B 100 M
GF063X1K B 200 M
GF063X1K B 500 M
GF063X1K B 101 M
GF063X1K B 201 M
GF063X1K B 501 M
GF063X1K B 102 M
GF063X1K B 202 M
GF063X1K B 502 M
GF063X1K B 103 M
GF063X1K B 203 M
GF063X1K B 503 M
GF063X1K B 104 M
GF063X1K B 204 M
GF063X1K B 504 M
GF063X1K B 105 M
GF063X1K B 205 M
GF063X1K B 505 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
5,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
205
505
GF063XK Through-Hole, X Terminal Style, Side Adjust Knob
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
GF063XK B 100 K
GF063XK B 200 K
GF063XK B 500 K
GF063XK B 101 K
GF063XK B 201 K
GF063XK B 501 K
GF063XK B 102 K
GF063XK B 202 K
GF063XK B 502 K
GF063XK B 103 K
GF063XK B 203 K
GF063XK B 503 K
GF063XK B 104 K
GF063XK B 204 K
GF063XK B 504 K
GF063XK B 105 K
GF063XK B 205 K
GF063XK B 505 K
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
GF063XK B 100 M
GF063XK B 200 M
GF063XK B 500 M
GF063XK B 101 M
GF063XK B 201 M
GF063XK B 501 M
GF063XK B 102 M
GF063XK B 202 M
GF063XK B 502 M
GF063XK B 103 M
GF063XK B 203 M
GF063XK B 503 M
GF063XK B 104 M
GF063XK B 204 M
GF063XK B 504 M
GF063XK B 105 M
GF063XK B 205 M
GF063XK B 505 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
5,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
205
505
GF063S1K Through-Hole, S1 Terminal Style, Side Adjust Knob
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
GF063S1K B 100 K
GF063S1K B 200 K
GF063S1K B 500 K
GF063S1K B 101 K
GF063S1K B 201 K
GF063S1K B 501 K
GF063S1K B 102 K
GF063S1K B 202 K
GF063S1K B 502 K
GF063S1K B 103 K
GF063S1K B 203 K
GF063S1K B 503 K
GF063S1K B 104 K
GF063S1K B 204 K
GF063S1K B 504 K
GF063S1K B 105 K
GF063S1K B 205 K
GF063S1K B 505 K
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
GF063S1K B 100 M
GF063S1K B 200 M
GF063S1K B 500 M
GF063S1K B 101 M
GF063S1K B 201 M
GF063S1K B 501 M
GF063S1K B 102 M
GF063S1K B 202 M
GF063S1K B 502 M
GF063S1K B 103 M
GF063S1K B 203 M
GF063S1K B 503 M
GF063S1K B 104 M
GF063S1K B 204 M
GF063S1K B 504 M
GF063S1K B 105 M
GF063S1K B 205 M
GF063S1K B 505 M
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
75
Part Numbers
GF063-K Series
Potentiometer
Styles
Nominal Resistance
Resistance Tolerance
10%
Resistance Tolerance
20%
Value (
Ω)
Code
Catalog No.
Tape & Ammo Box
Catalog No.
Tape & Ammo Box
Catalog No.
Bulk
Catalog No.
Bulk
GF063S1K
GF063XK
GF063X1K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com