Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GF063P1KPKB101K Datasheet(PDF) 6 Page - TOCOSAMERICA, INC.

Part # GF063P1KPKB101K
Description  1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

GF063P1KPKB101K Datasheet(HTML) 6 Page - TOCOSAMERICA, INC.

  GF063P1KPKB101K Datasheet HTML 1Page - TOCOSAMERICA, INC. GF063P1KPKB101K Datasheet HTML 2Page - TOCOSAMERICA, INC. GF063P1KPKB101K Datasheet HTML 3Page - TOCOSAMERICA, INC. GF063P1KPKB101K Datasheet HTML 4Page - TOCOSAMERICA, INC. GF063P1KPKB101K Datasheet HTML 5Page - TOCOSAMERICA, INC. GF063P1KPKB101K Datasheet HTML 6Page - TOCOSAMERICA, INC. GF063P1KPKB101K Datasheet HTML 7Page - TOCOSAMERICA, INC. GF063P1KPKB101K Datasheet HTML 8Page - TOCOSAMERICA, INC. GF063P1KPKB101K Datasheet HTML 9Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
GF063P1KT2 B 100 K
GF063P1KT2 B 200 K
GF063P1KT2 B 500 K
GF063P1KT2 B 101 K
GF063P1KT2 B 201 K
GF063P1KT2 B 501 K
GF063P1KT2 B 102 K
GF063P1KT2 B 202 K
GF063P1KT2 B 502 K
GF063P1KT2 B 103 K
GF063P1KT2 B 203 K
GF063P1KT2 B 503 K
GF063P1KT2 B 104 K
GF063P1KT2 B 204 K
GF063P1KT2 B 504 K
GF063P1KT2 B 105 K
GF063P1KT2 B 205 K
GF063P1KT2 B 505 K
GF063P1K B 100 K
GF063P1K B 200 K
GF063P1K B 500 K
GF063P1K B 101 K
GF063P1K B 201 K
GF063P1K B 501 K
GF063P1K B 102 K
GF063P1K B 202 K
GF063P1K B 502 K
GF063P1K B 103 K
GF063P1K B 203 K
GF063P1K B 503 K
GF063P1K B 104 K
GF063P1K B 204 K
GF063P1K B 504 K
GF063P1K B 105 K
GF063P1K B 205 K
GF063P1K B 505 K
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
5,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
205
505
GF063P1KT2 B 100 M
GF063P1KT2 B 200 M
GF063P1KT2 B 500 M
GF063P1KT2 B 101 M
GF063P1KT2 B 201 M
GF063P1KT2 B 501 M
GF063P1KT2 B 102 M
GF063P1KT2 B 202 M
GF063P1KT2 B 502 M
GF063P1KT2 B 103 M
GF063P1KT2 B 203 M
GF063P1KT2 B 503 M
GF063P1KT2 B 104 M
GF063P1KT2 B 204 M
GF063P1KT2 B 504 M
GF063P1KT2 B 105 M
GF063P1KT2 B 205 M
GF063P1KT2 B 505 M
GF063P1K B 100 M
GF063P1K B 200 M
GF063P1K B 500 M
GF063P1K B 101 M
GF063P1K B 201 M
GF063P1K B 501 M
GF063P1K B 102 M
GF063P1K B 202 M
GF063P1K B 502 M
GF063P1K B 103 M
GF063P1K B 203 M
GF063P1K B 503 M
GF063P1K B 104 M
GF063P1K B 204 M
GF063P1K B 504 M
GF063P1K B 105 M
GF063P1K B 205 M
GF063P1K B 505 M
GF063P1K Through-Hole, P1 Terminal Style, Top Adjust Knob
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
73
GF063PKT2 B 100 K
GF063PKT2 B 200 K
GF063PKT2 B 500 K
GF063PKT2 B 101 K
GF063PKT2 B 201 K
GF063PKT2 B 501 K
GF063PKT2 B 102 K
GF063PKT2 B 202 K
GF063PKT2 B 502 K
GF063PKT2 B 103 K
GF063PKT2 B 203 K
GF063PKT2 B 503 K
GF063PKT2 B 104 K
GF063PKT2 B 204 K
GF063PKT2 B 504 K
GF063PKT2 B 105 K
GF063PKT2 B 205 K
GF063PKT2 B 505 K
GF063PK B 100 K
GF063PK B 200 K
GF063PK B 500 K
GF063PK B 101 K
GF063PK B 201 K
GF063PK B 501 K
GF063PK B 102 K
GF063PK B 202 K
GF063PK B 502 K
GF063PK B 103 K
GF063PK B 203 K
GF063PK B 503 K
GF063PK B 104 K
GF063PK B 204 K
GF063PK B 504 K
GF063PK B 105 K
GF063PK B 205 K
GF063PK B 505 K
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
5,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
205
505
GF063PKT2 B 100 M
GF063PKT2 B 200 M
GF063PKT2 B 500 M
GF063PKT2 B 101 M
GF063PKT2 B 201 M
GF063PKT2 B 501 M
GF063PKT2 B 102 M
GF063PKT2 B 202 M
GF063PKT2 B 502 M
GF063PKT2 B 103 M
GF063PKT2 B 203 M
GF063PKT2 B 503 M
GF063PKT2 B 104 M
GF063PKT2 B 204 M
GF063PKT2 B 504 M
GF063PKT2 B 105 M
GF063PKT2 B 205 M
GF063PKT2 B 505 M
GF063PK B 100 M
GF063PK B 200 M
GF063PK B 500 M
GF063PK B 101 M
GF063PK B 201 M
GF063PK B 501 M
GF063PK B 102 M
GF063PK B 202 M
GF063PK B 502 M
GF063PK B 103 M
GF063PK B 203 M
GF063PK B 503 M
GF063PK B 104 M
GF063PK B 204 M
GF063PK B 504 M
GF063PK B 105 M
GF063PK B 205 M
GF063PK B 505 M
GF063PK Through-Hole, P Terminal Style, Top Adjust Knob
Potentiometer
Styles
Nominal Resistance
Resistance Tolerance
10%
Resistance Tolerance
20%
Value (
Ω)
Code
Catalog No.
Tape & Ammo Box
Catalog No.
Tape & Ammo Box
Catalog No.
Bulk
Catalog No.
Bulk
Part Numbers
Part Numbering System
GF063
P1
K
102
K
B
T2
Resistance Tolerance: K =
10%; M =
20%
Resistance Code: Expressed in ohms. A three digit code where the first two digits
are significant figures, and the third digit indicates the number of zeros that follow
these figures (i.e., 100 = 10
Ω; 101 = 100Ω; 102 = 1,000Ω; 105 = 1,000,000Ω).
Resistance Taper: B = Linear.
Packaging: T2 = Tape and Ammo Box, PK, P1K and UK Top Adjust Models.
Adjustment Knob: K = Knob.
Terminal Style: P, P1, W, U = 3-Lead Configurations, Top Adjust.
S, S1, X, X1, V, V1 = 3-Lead Configurations, Side Adjust.
TOCOS Series Name.
GF063-K Series
GF063PK
GF063P1K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com