Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS8027G Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS8027G
Description  3.3V 1A Low Dropout Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8027G Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS8027G Datasheet HTML 1Page - Silicon Standard Corp. SS8027G Datasheet HTML 2Page - Silicon Standard Corp. SS8027G Datasheet HTML 3Page - Silicon Standard Corp. SS8027G Datasheet HTML 4Page - Silicon Standard Corp. SS8027G Datasheet HTML 5Page - Silicon Standard Corp. SS8027G Datasheet HTML 6Page - Silicon Standard Corp. SS8027G Datasheet HTML 7Page - Silicon Standard Corp. SS8027G Datasheet HTML 8Page - Silicon Standard Corp. SS8027G Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.SiliconStandard.com
2 of 10
5/26/2005 Rev.2.2
SS8027G
Absolute Maximum Ratings
(Note 1)
Input Voltage……………………….……………...................................................................……..……10V
Power Dissipation Internally Limited
.
(Note 2)
Maximum Junction Temperature.…..……………...............................................................………...150°C
Storage Temperature Range….……....................................................................................…...-65°C
≤ T
J
≤+150°C
Lead Temperature, Time for Wave Soldering
TO 220, TO 263 Package…………….........................................................................…..………..260°C, 10s
TO 252, SOT 223 Package………………….........................................................................………260°C, 4s
Continuous Power Dissipation (TA = +25°C)
SOT 223
(1) ……………………..................................................................………….………………....0.8W
TO 252
(1) ……………………………..................................................................….………………..….1.0W
TO 263
(1) ……………………………..................................................................….………………..….1.6W
TO 220
(1) ………………………….………..................................................................……………..….2.0W
Note
(1): See Recommended Minimum Footprint
Operating Conditions
(Note 1)
Input Voltage……………………………….....................................................................…………….4V~7V
Temperature Range………….…….........................................................................................……-40°C
≤ T
J
≤125°C
Electrical Characteristics
VIN =5V, IO = 1A, CIN = 1µF, COUT =10µF, All specifications apply for TA = TJ = 25°C. [Note 3]
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
50mA < IO <1A
3.234
3.3
3.366
V
Line Regulation
4V < VIN < 7V, IO = 10mA
20
30
mV
Load Regulation
50mA < IO < 1A
30
50
mV
Output Impedance
200mA DC and 100mA AC, fo = 120Hz
100
m
Ω
Quiescent Current
VIN = 5V
0.6
mA
Ripple Rejection
fi = 120Hz, 1VP-P, Io = 100mA
42
dB
IO = 1A
0.8
V
Dropout Voltage
IO = 100mA
200
mV
Short Circuit Current
1.6
1.9
A
Over Temperature
125
°C
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Con-
ditions are conditions under which the device functions but the specifications might not be guaranteed.
For guaranteed specifications and test conditions see the Electrical Characteristics.
Note 2: The maximum power dissipation is a function of the maximum junction temperature, TJmax , total thermal
resistance,
θ
JA, and ambient temperature TA. The maximum allowable power dissipation at any ambient
temperature is Tjmax-TA /
θ
JA. If this dissipation is exceeded, the die temperature will rise above 150°C
and IC will go into thermal shutdown. For the SS8027G in the SOT-223 package,
θ
JA is 156°C/W; in the
TO-252 package,
θ
JA is 125°C/W; in the TO-263 package,
θ
JA is 75°C/W, and in the TO-220 package,
θ
JA is 60°C/W (no heat sink). [See Recommended Minimum Footprint] If the TO-220 package is used
with a heat sink,
θ
JA is the sum of the package thermal resistance junction-to-case (
θ
JC) of 3°C/W and
the thermal resistance added by the heat sink and thermal interface.The thermal resistance can be
reduced by increasing the P.C. board copper area thermally connected to the package. The safe op-
eration area of SOT-223, TO-252, TO-263 or TO-220 packages can be seen in “Typical Performance
Characteristics” (Safe Operating Area).
Note3: Low duty-cycle pulse techniques are used during test to maintain the junction temperature as close
to ambient temperature as possible.
Note4: The output capacitor should be a tantalum or aluminum type.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com