Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS8027G Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS8027G
Description  3.3V 1A Low Dropout Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8027G Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS8027G Datasheet HTML 1Page - Silicon Standard Corp. SS8027G Datasheet HTML 2Page - Silicon Standard Corp. SS8027G Datasheet HTML 3Page - Silicon Standard Corp. SS8027G Datasheet HTML 4Page - Silicon Standard Corp. SS8027G Datasheet HTML 5Page - Silicon Standard Corp. SS8027G Datasheet HTML 6Page - Silicon Standard Corp. SS8027G Datasheet HTML 7Page - Silicon Standard Corp. SS8027G Datasheet HTML 8Page - Silicon Standard Corp. SS8027G Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.SiliconStandard.com
3 of 10
5/26/2005 Rev.2.2
SS8027G
Definitions
Dropout Voltage
The input/output voltage differential at which the regu-
lator output no longer maintains regulation against
further reductions in input voltage. Measured when the
output drops 100mV below its nominal value, dropout
voltage is affected by junction temperature, load cur-
rent and minimum input supply requirements.
Line Regulation
The change in output voltage for a change in input
voltage. The measurement is made under conditions
of low dissipation or by using pulse techniques, so
that average chip temperature is not significantly af-
fected.
Load Regulation
The change in output voltage for a change in load cur-
rent at constant chip temperature. The measurement
is made under conditions of low dissipation or by us-
ing pulse techniques, so that average chip tempera-
ture is not significantly affected.
Maximum Power Dissipation
The maximum total device dissipation for which the
regulator will operate within specifications.
Quiescent Bias Current
Current which is used to operate the regulator chip
and is not delivered to the load.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com