Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM7002KGEN Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SSM7002KGEN
Description  N-channel Enhancement-mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM7002KGEN Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SSM7002KGEN Datasheet HTML 1Page - Silicon Standard Corp. SSM7002KGEN Datasheet HTML 2Page - Silicon Standard Corp. SSM7002KGEN Datasheet HTML 3Page - Silicon Standard Corp. SSM7002KGEN Datasheet HTML 4Page - Silicon Standard Corp. SSM7002KGEN Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.SiliconStandard.com
4 of 5
SSM7002KGEN
6/16/2006 Rev.3.01
Q
VG
4.5V
QGS
QGD
QG
Charge
0
4
8
12
16
0
0.5
1
1.5
2
Q G , Total Gate Charge (nC)
I D = 600m A
V DS =30 V
V DS =40V
V DS =50V
1
10
100
1
5
9
13
17
21
25
29
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.001
0.010
0.100
1.000
0.1
1
10
100
1000
V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
1ms
10ms
100ms
1s
DC
0.0
0.2
0.4
0.6
0.8
1.0
02
46
V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS =5V
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
t , Pulse Width (s)
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja = 270°C/W
t
T
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com