Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DF1575S40C Datasheet(PDF) 12 Page - Token Electronics Industry Co., Ltd.

Part # DF1575S40C
Description  DF-B Dielectric Filters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DF1575S40C Datasheet(HTML) 12 Page - Token Electronics Industry Co., Ltd.

Back Button DF1575S40C Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 15Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 16Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12 of 19
DF 3 or Multi-Pole Dielectric Filters
How to Order
DF
3
3R
815
S
Back to 1st Page - Dielectric Filters (DF) 3 or More Poles
Typical Characteristic
►1:Transmission Log Mag 10.0dB/Ref 0.00dB
2:Refection
Log Mag 10.0/ Ref -1.00dB
Meas 1:Mkr1 860.000 MHz
-3.280dB
Meas 2:Mkr1 860.000 MHz
-11.086dB
dB
10
-10
-20
-30
-40
-50
-60
-70
Center 860.000MHZ
Span 200.000MHZ
2
1
1
2
1
3
3
2
►1:Tran smission Log Mag 10.0dB/Ref 0.00dB
2:Refection
SWR
0.2/ Ref
1.000
dB
10
1:
-10
-20
-30
-40
-50
-60
-70
2:
Center 860.000MHZ
Span 200.000MHZ
2
Meas 1:Mkr1 860.000 MHz
-3.281dB
Meas 2:Mkr1 860.000 MHz
1.719dB
2
3
1
1
2
3
1
20
B
Dielectric Filter
Thickness
Number of Resonator
Center Frequency (MHz)
Connect type
Code
Size(WH)(mm)
A
11.83.8
B
8.63.0
C
5.82.0
Band width (MHz)
Size(WH)(mm)
Code
Connect type
S
SMD type
Code
Thickness
4
3.8mm
3
3.0mm
2
2.0mm
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com