Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DF1575S40C Datasheet(PDF) 14 Page - Token Electronics Industry Co., Ltd.

Part # DF1575S40C
Description  DF-B Dielectric Filters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DF1575S40C Datasheet(HTML) 14 Page - Token Electronics Industry Co., Ltd.

Back Button DF1575S40C Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 15Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 16Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 17Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 18Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14 of 19
BP-R Dielectric Bandpass Filters
Dimensions (Unit: mm)
Typical Specifications
31.0
24.0
0.8
7.6
30.0
24.0
34.0
Part Number
Center Frequency
fo(MHz)
Band Width
(MHz)
Insertion Loss
(dB)max.
Ripple in Band
Width(dB)max.
V.S.W.R
max.
Attenuation
(dB)min.(MHz)
BP63R915-01
915
fo±5
2.5
0.5
1.5
45 at fo±100
BP64R881-02
881
fo±10
2.0
0.5
2.0
60 at fo±100
BP84R650-01
650
fo±5
2.5
0.5
1.5
70 at fo ±55
BP84R1200-03
1200
fo±15
2.0
0.5
2.0
70 at fo ±60
BP74R959-02
959
fo±10
2.0
0.5
2.0
70 at fo ±80
BP75R836-01
836
fo±5
3.5
0.5
1.5
80 at fo ±50
BP76R1220-02
1220
fo±10
2.5
0.5
2.0
80 at fo ±50
How to Order
BP
3
4R
01
1765
Band Pass Filter
Thickness
Number of Resonator
Center Frequency (MHz)
BandWidth
Code
BandWidth
01
10MHz
02
20MHz
03
30MHz
Back to 1st Page - Dielectric Band Pass Filters - BP-R
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com