Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9148BBCZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD9148BBCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BBCZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9148BBCZ Datasheet HTML 33Page - Analog Devices AD9148BBCZ Datasheet HTML 34Page - Analog Devices AD9148BBCZ Datasheet HTML 35Page - Analog Devices AD9148BBCZ Datasheet HTML 36Page - Analog Devices AD9148BBCZ Datasheet HTML 37Page - Analog Devices AD9148BBCZ Datasheet HTML 38Page - Analog Devices AD9148BBCZ Datasheet HTML 39Page - Analog Devices AD9148BBCZ Datasheet HTML 40Page - Analog Devices AD9148BBCZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 37 of 73
Register Name
Addr
(Hex)
Bit
Name
Function
Default
SED Control/Status
40
7
SED compare enable Enables the SED circuitry.
0
6
Port B error
detected
Status of last compare on Port B.
0
5
Port A error
detected
Status of last compare on Port A.
0
3
Auto-clear enable
Enables the auto reset after eight valid sample sets.
0
2
Port B compare
failed
Fail status determined for last sample set on Port B.
0
1
Port A compare
failed
Fail status determined for last sample set on Port A.
0
0
Compare passed
Pass status determined for last sample set.
0
SED_R_L
41
7:0
SED Status Rising
Edge Samples[7:0]
SED Status Rising Edge Samples[15:0] indicate which bits
were received in error.
Read-
only
Set DAC SPI select = 0 to read back errors on Port A.
Set DAC SPI select = 1 to read back errors on Port B.
SED_R_H
42
7:0
SED Status Rising
Edge Samples[15:8]
SED Status Rising Edge Samples[15:0] indicate which bits
were received in error.
Read-
only
Set DAC SPI select = 0 to read back errors on Port A.
Set DAC SPI select = 1 to read back errors on Port B.
SED_F_L
43
7:0
SED Status Falling
Edge Samples[7:0]
SED Status Falling Edge Samples[15:0] indicate which bits
were received in error.
Read-
only
Set DAC SPI select = 0 to read back errors on Port A.
Set DAC SPI select = 1 to read back errors on Port B.
SED_F_H
44
7:0
SED Status Falling
Edge Samples[15:8]
SED Status Falling Edge Samples[15:0] indicate which bits
were received in error.
Read-
only
Set DAC SPI select = 0 to read back errors on Port A.
Set DAC SPI select = 1 to read back errors on Port B.
I Gain Control
50
7:0
IGain[7:0]
IGain[7:0] is a value that directly scales the samples written to
the IDAC. The bit weighting is MSB = 21 and LSB = 2−6, which
yields a multiplier range of 0 to 3.984375.
40
Set DAC SPI select = 0 to configure DAC 1 path.
Set DAC SPI select = 1 to configure DAC 3 path.
Q Gain Control
51
7:0
QGain[7:0]
QGain[7:0] is a value that directly scales the samples written
to the QDAC. The bit weighting is MSB = 21 and LSB = 2−6,
which yields a multiplier range of 0 to 3.984375.
40
Set DAC SPI select = 0 to configure DAC 2 path.
Set DAC SPI select = 1 to configure DAC 4 path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com