Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9148BBCZ Datasheet(PDF) 41 Page - Analog Devices

Part # AD9148BBCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BBCZ Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9148BBCZ Datasheet HTML 37Page - Analog Devices AD9148BBCZ Datasheet HTML 38Page - Analog Devices AD9148BBCZ Datasheet HTML 39Page - Analog Devices AD9148BBCZ Datasheet HTML 40Page - Analog Devices AD9148BBCZ Datasheet HTML 41Page - Analog Devices AD9148BBCZ Datasheet HTML 42Page - Analog Devices AD9148BBCZ Datasheet HTML 43Page - Analog Devices AD9148BBCZ Datasheet HTML 44Page - Analog Devices AD9148BBCZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 41 of 73
FIFO OPERATION
DAC1
AND
DAC2
32
32 BITS
÷INT
DCIA
DCIB
DACCLK
DATA
PORT A
DATA
PORT B
DATA
PATHS
DATA
ASSEMBLER
INPUT
LATCH
DATA
ASSEMBLER
INPUT
LATCH
REG 0
REG 1
REG 2
REG 3
REG 4
REG 5
REG 6
REG 7
REG 0
REG 1
REG 2
REG 3
REG 4
REG 5
REG 6
REG 7
32
DAC3
AND
DAC4
32
32
DATA
PATHS
32
WRITE PTR
RESET
WRITE PTR
RESET
READ
PTR
RESET
SYNC
LOGIC
FIFO RATE/
DATA RATE
32 BITS
FRAME B
FRAME A
LOGIC
32
32
INTERFACE
MODE
ONE
DCI
WRITE PTR B
WRITE PTR A
Figure 49. Block Diagram of FIFO
The AD9148 contains two 32-bit wide, 8-word deep FIFOs (one
per dual DAC) designed to relax the timing relationship between
the data arriving at the DAC input ports and the internal DAC
data rate clock. The FIFOs can also be used to provide an adjustable
pipeline delay between the DCIx clocks and the DACCLK
allowing re-alignment of data input in a multichip system. This
significantly increases the timing budget of the interface.
Figure 49 shows the block diagram of the data path through the
FIFO. The data is latched into the device, is formatted, and is
then written into the FIFO register determined by the FIFO
write pointer. The value of the write pointer is incremented
every time a new word is loaded into the FIFO. Meanwhile, data
is read from the FIFO register determined by the read pointer
and fed into the digital data path. The value of the read pointer
is updated every time data is read into the data path from the
FIFO. This happens at the data rate that is the DACCLK rate
divided by the interpolation ratio. The difference between the
write and read pointers represent the FIFO pipeline delay and
are important to take into account when understanding the
overall pipeline delay of the AD9148.
In single port and byte interface modes, the incoming digital
data is sampled at twice the data rate (DCIA). The data is then
assembled based on the interface mode. At the output of the
data assembler block, the data samples for DAC 1 and DAC 2 are
written to FIFO A and the data samples for DAC 3 and DAC 4 are
written to FIFO B at the data rate.
Valid data is transmitted through the FIFO as long as the FIFO
does not overflow or become empty. An overflow or empty
condition of the FIFO is the same as the write pointer and the
read pointer being equal. When both pointers are equal, an attempt
is made to read and write a single FIFO register simultaneously.
This simultaneous register access leads to unreliable data transfer
through the FIFO and must be avoided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com