Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X28VC256DM-90 Datasheet(PDF) 10 Page - Xicor Inc.

Part # X28VC256DM-90
Description  5 Volt, Byte Alterable E2PROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28VC256DM-90 Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X28VC256DM-90 Datasheet HTML 6Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 7Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 8Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 9Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 10Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 11Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 12Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 13Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
X28VC256
10
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias
X28VC256 .................................. –10
°C to +85°C
X28VC256I, X28VC256M .......... –65
°C to +135°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on any Pin with
Respect to VSS .................................. –1V to +7V
D.C. Output Current ........................................... 10mA
Lead Temperature (Soldering, 10 seconds) ...... 300
°C
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Military
–55
°C
+125
°C
3869 PGM T02.1
Supply Voltage
Limits
X28VC256
5V
±10%
3869 PGM T03.1
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
Limits
Symbol
Parameter
Min.
Typ.(1)
Max.
Units
Test Conditions
ICC
VCC Active Current
30
80
mA
CE = OE = VIL, WE = VIH,
All I/O’s = Open, Address Inputs =
0.4V/2.4V Levels @ f = 10MHz
ISB
VCC Standby Current
10
25
mA
CE = VIH, OE = VIL, All I/O’s =
Open, Other Inputs = VIH
ILI
Input Leakage Current
10
µAVIN = VSS to VCC
ILO
Output Leakage Current
10
µAVOUT = VSS to VCC, CE = VIH
VlL(2)
Input LOW Voltage
–1
0.8
V
VIH(2)
Input HIGH Voltage
2
VCC + 1
V
VOL
Output LOW Voltage
0.4
V
IOL = 6mA
VOH
Output HIGH Voltage
2.4
V
IOH = –4mA
3869 PGM T04.2
Notes: (1) Typical values are for TA = 25°C and nominal supply voltage.
(2) VIL min. and VIH max. are for reference only and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com