Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X28VC256DM-90 Datasheet(PDF) 6 Page - Xicor Inc.

Part # X28VC256DM-90
Description  5 Volt, Byte Alterable E2PROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28VC256DM-90 Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X28VC256DM-90 Datasheet HTML 2Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 3Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 4Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 5Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 6Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 7Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 8Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 9Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
X28VC256
6
circuits by employing the software data protection fea-
ture. The internal software data protection circuit is
enabled after the first write operation utilizing the soft-
ware algorithm. This circuit is nonvolatile and will remain
set for the life of the device unless the reset command
is issued.
Once the software protection is enabled, the X28VC256
is also protected from inadvertent and accidental writes
in the powered-up state. That is, the software algorithm
must be issued prior to writing additional data to the
device.
SOFTWARE ALGORITHM
Selecting the software data protection mode requires
the host system to precede data write operations by a
series of three write operations to three specific ad-
dresses. Refer to Figure 6 and 7 for the sequence. The
three-byte sequence opens the page write window
enabling the host to write from one to one hundred
twenty-eight bytes of data. Once the page load cycle has
been completed, the device will automatically be re-
turned to the data protected state.
HARDWARE DATA PROTECTION
The X28VC256 provides two hardware features that
protect nonvolatile data from inadvertent writes.
• Default VCC Sense—All write functions are inhibited
when VCC is ≤ 3.5V typically.
• Write Inhibit—Holding either OE LOW, WE HIGH, or
CE HIGH will prevent an inadvertent write cycle during
power-up and power-down, maintaining data integrity.
SOFTWARE DATA PROTECTION
The X28VC256 offers a software controlled data protec-
tion feature. The X28VC256 is shipped from Xicor with
the software data protection NOT ENABLED; that is, the
device will be in the standard operating mode. In this
mode data should be protected during power-up/down
operations through the use of external circuits. The host
would then have open read and write access of the
device once VCC was stable.
The X28VC256 can be automatically protected during
power-up and power-down without the need for external



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com