Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HAL575SF-K Datasheet(PDF) 34 Page - Micronas

Part # HAL575SF-K
Description  Two-Wire Hall-Effect Sensor Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL575SF-K Datasheet(HTML) 34 Page - Micronas

Back Button HAL575SF-K Datasheet HTML 28Page - Micronas HAL575SF-K Datasheet HTML 29Page - Micronas HAL575SF-K Datasheet HTML 30Page - Micronas HAL575SF-K Datasheet HTML 31Page - Micronas HAL575SF-K Datasheet HTML 32Page - Micronas HAL575SF-K Datasheet HTML 33Page - Micronas HAL575SF-K Datasheet HTML 34Page - Micronas HAL575SF-K Datasheet HTML 35Page - Micronas HAL575SF-K Datasheet HTML 36Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
HAL57x, HAL58x
DATA SHEET
34
Dec. 22, 2008; DSH000145_003EN
Micronas
5.4. Ambient Temperature
Due to internal power dissipation, the temperature on
the silicon chip (junction temperature TJ) is higher than
the temperature outside the package (ambient temper-
ature TA).
At static conditions and continuous operation, the fol-
lowing equation applies:
For all sensors, the junction temperature range TJ is
specified. The maximum ambient temperature TAmax
can be calculated as:
For typical values, use the typical parameters. For
worst case calculation, use the max. parameters for
IDD and Rth, and the max. value for VDD from the appli-
cation.
Due to the range of IDDhigh, self-heating can be critical.
The junction temperature can be reduced with pulsed
supply voltage. For supply times (ton) ranging from 30
μs to 1 ms, the following equation can be used:
5.5. EMC and ESD
For applications with disturbances on the supply line or
radiated disturbances, a series resistor and a capacitor
are recommended (see Fig. 5–3). The series resistor
and the capacitor should be placed as closely as pos-
sible to the HAL sensor.
Applications with this arrangement passed the EMC
tests according to the product standards ISO 7637.
Please contact Micronas for detailed information and
first EMC and ESD results.
Fig. 5–3: Recommded EMC test circuit
T
J
T
A
ΔT
+
=
ΔTI
DD
V
DD
×
R
×
th
=
T
Amax
T
Jmax
ΔT
–
=
TI
DD
V
DD
R
th
t
on
t
off
t
on
+
--------------------
×
×
×
=
1 VDD
2, x GND
x = pin 3 for TO92UA-1/-2 package
x = pin 4 for SOT89B-1 package
VEMC
4.7 nF
RV2
30
Ω
RV1
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com