Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAM1707BZKB3 Datasheet(PDF) 39 Page - Texas Instruments

Part # PAM1707BZKB3
Description  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PAM1707BZKB3 Datasheet(HTML) 39 Page - Texas Instruments

Back Button PAM1707BZKB3 Datasheet HTML 35Page - Texas Instruments PAM1707BZKB3 Datasheet HTML 36Page - Texas Instruments PAM1707BZKB3 Datasheet HTML 37Page - Texas Instruments PAM1707BZKB3 Datasheet HTML 38Page - Texas Instruments PAM1707BZKB3 Datasheet HTML 39Page - Texas Instruments PAM1707BZKB3 Datasheet HTML 40Page - Texas Instruments PAM1707BZKB3 Datasheet HTML 41Page - Texas Instruments PAM1707BZKB3 Datasheet HTML 42Page - Texas Instruments PAM1707BZKB3 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 198 page
background image
AM1707
www.ti.com
SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010
5.3
Electrical Characteristics Over Recommended Ranges of Supply Voltage and
Operating Junction Temperature (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low/full speed:
2.8
USB0_VDDA33
V
USB0_DM and USB0_DP
VOH
High speed:
360
440
mV
USB_DM and USB_DP
Low/full speed:
2.8
USB1_VDDA33
V
USB1_DM and USB1_DP
DVDD= 3.15V, IOH = -4 mA
2.4
V
High-level output voltage (3.3V I/O)
DVDD= 3.15V, IOH = 100 mA
2.95
V
Low/full speed:
0.0
0.3
V
USB_DM and USB_DP
High speed:
-10
10
mV
VOL
USB_DM and USB_DP
DVDD= 3.15V, IOL = 4mA
0.4
V
Low-level output voltage (3.3V I/O)
DVDD= 3.15V, IOL = -100 mA
0.2
V
VI = VSS to DVDD without opposing
±35
mA
internal resistor
VI = VSS to DVDD with opposing
30
-200
mA
internal pullup resistor (2)
II
(1)
Input current
VI = VSS to DVDD with opposing
-50
300
mA
internal pulldown resistor (2)
VI = VSS to USB1_VDDA33 -
±40
mA
USB1_DM and USB1_DP
IOH
High-level output current
All peripherals
-4
mA
IOL
Low-level output current
All peripherals
4
mA
IOZ
(3)
I/O Off-state output current
VO = VDD or VSS; Internal pull disabled
±35
mA
LVCMOS signals
3
pF
CI
Input capacitance
OSCIN and RTC_XI
2
pF
CO
Output capacitance
LVCMOS signals
3
pF
(1)
II applies to input-only pins and bi-directional pins. For input-only pins, II indicates the input leakage current. For bi-directional pins, II
indicates the input leakage current and off-state (Hi-Z) output leakage current.
(2)
Applies only to pins with an internal pullup (IPU) or pulldown (IPD) resistor.
(3)
IOZ applies to output-only pins, indicating off-state (Hi-Z) output leakage current.
Copyright © 2010, Texas Instruments Incorporated
Device Operating Conditions
39
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com