Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAM1707BZKB3 Datasheet(PDF) 21 Page - Texas Instruments

Part # PAM1707BZKB3
Description  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PAM1707BZKB3 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PAM1707BZKB3 Datasheet HTML 17Page - Texas Instruments PAM1707BZKB3 Datasheet HTML 18Page - Texas Instruments PAM1707BZKB3 Datasheet HTML 19Page - Texas Instruments PAM1707BZKB3 Datasheet HTML 20Page - Texas Instruments PAM1707BZKB3 Datasheet HTML 21Page - Texas Instruments PAM1707BZKB3 Datasheet HTML 22Page - Texas Instruments PAM1707BZKB3 Datasheet HTML 23Page - Texas Instruments PAM1707BZKB3 Datasheet HTML 24Page - Texas Instruments PAM1707BZKB3 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 198 page
background image
AM1707
www.ti.com
SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010
3.6.7
Enhanced Capture/Auxiliary PWM Modules (eCAP0, eCAP1, eCAP2)
The eCAP Module pins function as either input captures or auxilary PWM 32-bit outputs, depending upon
how the eCAP module is programmed.
Table 3-9. Enhanced Capture Module (eCAP) Terminal Functions
PIN
No.
SIGNAL NAME
TYPE(1) PULL(2)
MUXED
DESCRIPTION
ZKB
eCAP0
enhanced capture
0 input or
ACLKX0/ECAP0/APWM0/GP2[12]
C5
I/O
IPD
McASP0, GPIO
auxiliary PWM 0
output.
eCAP1
enhanced capture
1 input or
ACLKR0/ECAP1/APWM1/GP2[15]
B4
I/O
IPD
McASP0, GPIO
auxiliary PWM 1
output.
eCAP2
enhanced capture
2 input or
ACLKR1/ECAP2/APWM2/GP4[12]
L2
I/O
IPD
McASP1, GPIO
auxiliary PWM 2
output.
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
Copyright © 2010, Texas Instruments Incorporated
Device Overview
21
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com