Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G99GD Datasheet(PDF) 19 Page - NXP Semiconductors

Part # 74LVC1G99GD
Description  Ultra-configurable multiple function gate; 3-state
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G99GD Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button 74LVC1G99GD Datasheet HTML 15Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 16Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 17Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 18Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 19Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 20Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 21Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 22Page - NXP Semiconductors 74LVC1G99GD Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
74LVC1G99_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 16 April 2010
19 of 29
NXP Semiconductors
74LVC1G99
Ultra-configurable multiple function gate; 3-state
[1]
All typical values are measured at Tamb = 25 °C
14. Waveforms transfer characteristics
VT−
negative-going
threshold voltage
see Figure 24, Figure 25,
Figure 26, Figure 27 and
Figure 28
VCC = 1.8 V
0.30
0.53
0.72
0.30
0.75
V
VCC = 2.3 V
0.58
0.77
1.00
0.58
1.03
V
VCC = 3.0 V
0.80
1.04
1.30
0.80
1.33
V
VCC = 4.5 V
1.21
1.55
1.90
1.21
1.93
V
VCC = 5.5 V
1.45
1.86
2.29
1.45
2.32
V
VH
hysteresis voltage (VT+ − VT−); see Figure 24,
Figure 25, Figure 26,
Figure 27 and Figure 28
VCC = 1.8 V
0.30
0.48
0.62
0.23
0.62
V
VCC = 2.3 V
0.40
0.64
0.80
0.34
0.80
V
VCC = 3.0 V
0.50
0.75
1.00
0.44
1.00
V
VCC = 4.5 V
0.71
0.97
1.20
0.65
1.20
V
VCC = 5.5 V
0.71
1.13
1.40
0.65
1.40
V
Table 27.
Transfer characteristics …continued
Voltages are referenced to GND (ground = 0 V; for test circuit see Figure 23
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
Fig 24. Transfer characteristic
Fig 25. Definition of VT+, VT− and VH
mna207
VO
VI
VH
VT+
VT−
mna208
VO
VI
VH
VT+
VT−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com