Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC169BQ Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC169BQ
Description  Presettable synchronous 4-bit up/down binary counter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC169BQ Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC169BQ Datasheet HTML 1Page - NXP Semiconductors 74LVC169BQ Datasheet HTML 2Page - NXP Semiconductors 74LVC169BQ Datasheet HTML 3Page - NXP Semiconductors 74LVC169BQ Datasheet HTML 4Page - NXP Semiconductors 74LVC169BQ Datasheet HTML 5Page - NXP Semiconductors 74LVC169BQ Datasheet HTML 6Page - NXP Semiconductors 74LVC169BQ Datasheet HTML 7Page - NXP Semiconductors 74LVC169BQ Datasheet HTML 8Page - NXP Semiconductors 74LVC169BQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
74LVC169_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 8 June 2009
5 of 22
NXP Semiconductors
74LVC169
Presettable synchronous 4-bit up/down binary counter
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) The die substrate is attached to this pad using
conductive die material. It can not be used as a supply
pin or input.
Fig 4.
Pin configuration SO16 and
(T)SSOP16 package
Fig 5.
Pin configuration DHVQFN16 package
74LVC169
U/D
VCC
CP
TC
D0
Q0
D1
Q1
D2
Q2
D3
Q3
CEP
CET
GND
PE
001aaa644
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
001aaa682
74LVC169
CEP
CET
D3
Q3
D2
GND(1)
Q2
D1
Q1
D0
Q0
CP
TC
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
U/D
1
up/down control input
CP
2
clock input (LOW-to-HIGH, edge-triggered)
D0 to D3
3, 4, 5, 6
data input
CEP
7
count enable input (active LOW)
GND
8
ground (0 V)
PE
9
parallel enable input (active LOW)
CET
10
count enable carry input (active LOW)
Q0 to Q3
14, 13, 12, 11
flip-flop output
TC
15
terminal count output (active LOW)
VCC
16
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com