Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC169BQ Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC169BQ
Description  Presettable synchronous 4-bit up/down binary counter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC169BQ Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC169BQ Datasheet HTML 1Page - NXP Semiconductors 74LVC169BQ Datasheet HTML 2Page - NXP Semiconductors 74LVC169BQ Datasheet HTML 3Page - NXP Semiconductors 74LVC169BQ Datasheet HTML 4Page - NXP Semiconductors 74LVC169BQ Datasheet HTML 5Page - NXP Semiconductors 74LVC169BQ Datasheet HTML 6Page - NXP Semiconductors 74LVC169BQ Datasheet HTML 7Page - NXP Semiconductors 74LVC169BQ Datasheet HTML 8Page - NXP Semiconductors 74LVC169BQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1.
General description
The 74LVC169 is a synchronous presettable 4-bit binary counter which features an
internal look-ahead carry circuitry for cascading in high-speed counting applications.
Synchronous operation is provided by having all flip-flops clocked simultaneously so that
the outputs (pins Q0 to Q3) change simultaneously with each other when so instructed by
the count-enable (pins CEP and CET) inputs and internal gating. This mode of operation
eliminates the output counting spikes that are normally associated with asynchronous
(ripple clock) counters. A buffered clock (pin CP) input triggers the four flip-flops on the
LOW-to-HIGH transition of the clock.
The counter is fully programmable; that is, the outputs may be preset to any number
between 0 and its maximum count. Presetting is synchronous with the clock and takes
place regardless of the levels of the count enable inputs. A LOW level on the parallel
enable (pin PE) input disables the counter and causes the data at the Dn input to be
loaded into the counter on the next LOW-to-HIGH transition of the clock. The direction of
the counting is controlled by the up/down (pin U/D) input. When pin U/D is HIGH, the
counter counts up, when LOW, it counts down.
The look-ahead carry circuitry is provided for cascading counters for n-bit synchronous
applications without additional gating. Instrumental in accomplishing this function are two
count-enable (pins CEP and CET) inputs and a terminal count (pin TC) output. Both
count-enable (pins CEP and CET) inputs must be LOW to count. Input pin CET is fed
forward to enable the terminal count (pin TC) output. Pin TC thus enabled will produce a
LOW-level output pulse with a duration approximately equal to a HIGH level portion of
pin Q0 output. The LOW level pin TC pulse is used to enable successive cascaded
stages.
The 74LVC169 uses edge triggered J-K type flip-flops and has no constraints on changing
the control of data input signals in either state of the clock. The only requirement is that
the various inputs attain the desired state at least a set-up time before the next
LOW-to-HIGH transition of the clock and remain valid for the recommended hold time
thereafter.
The parallel load operation takes precedence over the other operations, as indicated in
the mode select table. When pin PE is LOW, the data on the input pins D0 to D3 enters
the flip-flops on the next LOW-to-HIGH transition of the clock.
74LVC169
Presettable synchronous 4-bit up/down binary counter
Rev. 05 — 8 June 2009
Product data sheet


Similar Part No. - 74LVC169BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC169 PHILIPS-74LVC169 Datasheet
124Kb / 14P
Presettable synchronous 4-bit up/down binary counter
1998 May 20
74LVC169D PHILIPS-74LVC169D Datasheet
124Kb / 14P
Presettable synchronous 4-bit up/down binary counter
1998 May 20
74LVC169DB PHILIPS-74LVC169DB Datasheet
124Kb / 14P
Presettable synchronous 4-bit up/down binary counter
1998 May 20
74LVC169PW PHILIPS-74LVC169PW Datasheet
124Kb / 14P
Presettable synchronous 4-bit up/down binary counter
1998 May 20
74LVC169PWDH PHILIPS-74LVC169PWDH Datasheet
124Kb / 14P
Presettable synchronous 4-bit up/down binary counter
1998 May 20
More results

Similar Description - 74LVC169BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC191 PHILIPS-74HC191 Datasheet
108Kb / 14P
Presettable synchronous 4-bit binary up/down counter
December 1990
74HC193 PHILIPS-74HC193 Datasheet
95Kb / 13P
Presettable synchronous 4-bit binary up/down counter
December 1990
74LVC169 PHILIPS-74LVC169 Datasheet
124Kb / 14P
Presettable synchronous 4-bit up/down binary counter
1998 May 20
logo
Texas Instruments
CD54AC191 TI-CD54AC191 Datasheet
53Kb / 10P
Presettable Synchronous 4-Bit Binary Up/Down Counter
CD74AC191 TI-CD74AC191 Datasheet
51Kb / 10P
Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 NXP-74HC193 Datasheet
157Kb / 29P
Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74HC193 NXP-74HC193_13 Datasheet
184Kb / 30P
Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
logo
Nexperia B.V. All right...
74HC193-Q100 NEXPERIA-74HC193-Q100 Datasheet
776Kb / 29P
Presettable synchronous 4-bit binary up/down counter
74HCT193-Q100 NEXPERIA-74HCT193-Q100 Datasheet
330Kb / 24P
Presettable synchronous 4-bit binary up/down counter
Rev. 3 - 8 September 2021
74HC191 NEXPERIA-74HC191 Datasheet
296Kb / 18P
Presettable synchronous 4-bit binary up/down counter
Rev. 6 - 8 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com