Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFSL4.5MDB Datasheet(PDF) 9 Page - Yamar Electronics Ltd.

Part # SFSL4.5MDB
Description  Independent DC-LIN Slave For Asynchronous Communication Over Noisy Lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSL4.5MDB Datasheet(HTML) 9 Page - Yamar Electronics Ltd.

Back Button SFSL4.5MDB Datasheet HTML 4Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 5Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 6Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 9Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 10Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 11Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 12Page - Yamar Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Proprietary and Confidential Information of YAMAR Electronics Ltd.
© 2007 Yamar Electronics Ltd.
9
DS-ISL40 R1.6
4.3.2
InterfHop
When high, a detection of interference, switches the operating frequency. If at the new frequency, no
reception occurred for 2 sec, the operating frequency is switched back.
For designs with a single channel this pin should be tied to ground.
4.3.3
Interfer
Output signal is raised while interference is detected on the DC-BUS.
4.3.4
MF0nF1
Indicates the operating frequency, this is the configured frequency unless automatic frequency change
has been enabled and caused.
4.4
Line Interface
4.4.1
DTxO
Modulated transmit signal output.
4.4.2
TxOn
High when the device is transmitting a message.
4.4.3
RxP
Input to the internal comparator positive pin. It swings around RxN.
4.4.4
RxN
Input to the internal comparator negative pin. Its value should be about Vcc/2.
4.4.5
RxOn
High when the device is in receive mode.
4.4.6
Power Signals
There are three sets of power signals, (Vcc, Gnd)*2 and VccPLL, GndPLL. See 4.7 for details.
VCC
VccPLL
VCC
VCC
VCC
VCC
VCC
VCC
VCC
Analog Interface
Protection Network
Vcc = 3.3V
I/O lines
Configuration lines (connect to Gnd or Vcc)
DC-Powerline
TxOn
RxOn
R23
3.3K
R11
1M
R8
1M
R10
6.8
R4
2.2
D1 BAS31
C4
0.1u
C5
2.2nF/200V
R1
10M
R24
39K
X1
32.768KHz
R3
22 /0.25W
C1
12p
C6
47p
C3
0.1
R9
6.8
C7
1n
C10
1n
R13
2.2
C12
1n
R19
470
C2
12p
Q2
Q1
PZT2222
R15
4.3K
R12
1K
R18
18
C9
1n
R17
3.9K
R34
330
R2
330K
C101
0.1u
R7
1M
R8
1M
FSA3157
4
1
3
6
R101
100K
R7
2K
R5
100
C57
1u
C8
0.1u
C150
>47uF
ISL40
DRxN
5
Vcc
3
Mode3
4
F0F1-2
34
Id0
30
SigO1
9
SigO2
10
Mode4
7
Wake
33
F0F1-3
35
AutoFreqChange
26
nSleep
28
SigIn3
29
nReset
32
DRxP
6
Interf Hop
36
OscOut
1
Id1
31
SigO3
11
OscIn
2
SigO0
8
AutoSleep
27
Gnd
12
SigIn2
25
R14
1K
Ceramic Filter
Figure 4.2 – Typical single channel line interface circuit
Note: The FSA3157 can be replaced with an analog switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com