Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFSL4.5MDB Datasheet(PDF) 12 Page - Yamar Electronics Ltd.

Part # SFSL4.5MDB
Description  Independent DC-LIN Slave For Asynchronous Communication Over Noisy Lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSL4.5MDB Datasheet(HTML) 12 Page - Yamar Electronics Ltd.

Back Button SFSL4.5MDB Datasheet HTML 4Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 5Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 6Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 9Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 10Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 11Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 12Page - Yamar Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Proprietary and Confidential Information of YAMAR Electronics Ltd.
© 2007 Yamar Electronics Ltd.
12
DS-ISL40 R1.6
5
ELECTRICAL PARAMETERS
5.1
Absolute Maximal Rating
Ambient Temperature under bias
-40°C to 125°C
Storage Temperature
-65°C to 150°C
Voltage on any pin with respect to Vss (except Vdd and ~Reset) -0.6V to Vdd+0.6V
Voltage on Vdd with respect to Vss
0 to +7.5V
Voltage on ~Reset pin with respect to Vss
0 to +14V
Total power Dissipation
1.0W
Maximum current out of Vss pin
300mA
Maximum current into Vdd pin
250mA
Maximum Output Current sunk by any I/O pin
25mA
Maximum Current source by any I/O pin
25mA
5.2
DC Characteristics
Symbol
Characteristics
Min
Typ
Max
Units
Conditions
Vdd
Supply Voltage
3.0
3.3
3.6
V
Idd
Supply Current
35
mA
Ipd
Power Down Current
70
uA
5.3
Operating Temperature
Commercial:
0°C to 70°C
Industrial:
-40°C to 85°C
5.4
Package - LQFP 48 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com