Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAP55LX Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAP55LX
Description  Silicon PIN diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAP55LX Datasheet(HTML) 2 Page - NXP Semiconductors

  BAP55LX Datasheet HTML 1Page - NXP Semiconductors BAP55LX Datasheet HTML 2Page - NXP Semiconductors BAP55LX Datasheet HTML 3Page - NXP Semiconductors BAP55LX Datasheet HTML 4Page - NXP Semiconductors BAP55LX Datasheet HTML 5Page - NXP Semiconductors BAP55LX Datasheet HTML 6Page - NXP Semiconductors BAP55LX Datasheet HTML 7Page - NXP Semiconductors BAP55LX Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BAP55LX_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 30 July 2007
2 of 8
NXP Semiconductors
BAP55LX
Silicon PIN diode
4.
Marking
5.
Limiting values
6.
Thermal characteristics
7.
Characteristics
Table 3.
Marking
Type number
Marking code
BAP55LX
LC
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
50
V
IF
forward current
-
100
mA
Ptot
total power dissipation
Tsp = 90 °C
-
135
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-sp)
thermal resistance from junction
to solder point
78
K/W
Table 6.
Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 50 mA
-
0.95
1.1
V
IR
reverse current
VR =20V
-
-
10
nA
VR = 50 V
-
-
100
nA
Cd
diode capacitance
see Figure 1; f = 1 MHz;
VR = 0 V
-
0.28
-
pF
VR = 1 V
-
0.23
-
pF
VR = 20 V
-
0.18
0.28
pF
rD
diode forward resistance
see Figure 2; f = 100 MHz;
IF = 0.5 mA
-
3.3
4.5
IF = 1 mA
-
2.2
3.3
IF = 10 mA
-
0.8
1.2
IF = 100 mA
-
0.5
0.8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com