Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS61884-IB Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS61884-IB
Description  Octal T1/E1/J1 Line Interface Unit
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884-IB Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS61884-IB Datasheet HTML 11Page - Cirrus Logic CS61884-IB Datasheet HTML 12Page - Cirrus Logic CS61884-IB Datasheet HTML 13Page - Cirrus Logic CS61884-IB Datasheet HTML 14Page - Cirrus Logic CS61884-IB Datasheet HTML 15Page - Cirrus Logic CS61884-IB Datasheet HTML 16Page - Cirrus Logic CS61884-IB Datasheet HTML 17Page - Cirrus Logic CS61884-IB Datasheet HTML 18Page - Cirrus Logic CS61884-IB Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 71 page
background image
CS61884
DS485F1
15
3.4 Cable Select
3.5 Status
SYMBOL
LQFP
FBGA
TYPE
DESCRIPTION
CBLSEL
93
G13
I
Cable Impedance Select
Host Mode - The input voltage to this pin does not effect
normal operation.
Hardware Mode - This pin is used in combination with the
LEN control pins (Refer to Table 5, “Hardware Mode Line
Length Configuration Selection,” on page 25) to set the line
impedance for all eight receivers and transmitters. This pin
also selects whether or not all eight receivers use an inter-
nal or external line matching network (Refer to the Table
below for proper settings).
NOTE: Refer to Figure 17 on page 51 and Figure 18 on
page 52 for appropriate external line matching com-
ponents. All transmitters use internal matching net-
works.
Table 3. Cable Impedance Selection
E1/T1/J1
CBLSEL
Transmitters
Receivers
T1/J1
No Connect
100
Ω Internal
Internal
T1/J1
HIGH
100
Ω Internal
Internal
T1/J1
LOW
100
Ω Internal
External
E1
No Connect
120
Ω Internal
Inter or Ext
E1
HIGH
75
Ω Internal
Internal
E1
LOW
75
Ω Internal
External
SYMBOL
LQFP
FBGA
TYPE
DESCRIPTION
LOS0
LOS1
LOS2
LOS3
LOS4
LOS5
LOS6
LOS7
42
35
75
68
113
106
3
140
K4
K3
K12
K11
E11
E12
E3
E4
O
O
O
O
O
O
O
O
Loss of Signal Output
The LOS output pins can be configured to indicate a loss of
signal (LOS) state that is compliant to either T1.231, ITU
G.775 or ETSI 300 233. These pins are asserted “High” to
indicate LOS. The LOS output returns low when an input
signal is present for the time period dictated by the associ-
ated specification (Refer to Loss-of-Signal (LOS) (See
Section 10.5 on page 27)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com