Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS61884-IB Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS61884-IB
Description  Octal T1/E1/J1 Line Interface Unit
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884-IB Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS61884-IB Datasheet HTML 15Page - Cirrus Logic CS61884-IB Datasheet HTML 16Page - Cirrus Logic CS61884-IB Datasheet HTML 17Page - Cirrus Logic CS61884-IB Datasheet HTML 18Page - Cirrus Logic CS61884-IB Datasheet HTML 19Page - Cirrus Logic CS61884-IB Datasheet HTML 20Page - Cirrus Logic CS61884-IB Datasheet HTML 21Page - Cirrus Logic CS61884-IB Datasheet HTML 22Page - Cirrus Logic CS61884-IB Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 71 page
background image
CS61884
DS485F1
19
3.7 Analog RX/TX Data I/O
RCLK7
143
A1
O
Receive Clock Output Port 7
RPOS7/RDATA7
142
A2
O
Receive Positive Pulse/ Receive Data Output Port 7
RNEG7/BPV7
141
A3
O
Receive Negative Pulse/Bipolar Violation Output Port 7
SYMBOL
LQFP
FBGA
TYPE
DESCRIPTION
SYMBOL
LQFP
FBGA
TYPE
DESCRIPTION
TTIP0
TRING0
45
46
N5
P5
O
O
Transmit Tip Output Port 0
Transmit Ring Output Port 0
TTIP and TRING pins are the differential outputs of the
transmit driver. The driver internally matches impedances
for E1 75
Ω, E1 120 Ω and T1/J1 100 Ω lines requiring only
a 1:2 transformer. The CBLSEL pin is used to select the
appropriate line matching impedance only in “Hardware”
mode. In host mode, the appropriate line matching imped-
ance is selected by the Line Length Data Register (11h)
(See Section 14.18 on page 39).
NOTE: TTIP and TRING are forced to a high impedance state
when the TCLK pin is “Low” for over 12
µS or the
TXOE pin is forced “Low”.
RTIP0
RRING0
48
49
P7
N7
I
I
Receive Tip Input Port 0
Receive Ring Input Port 0
RTIP and RRING are the differential line inputs to the re-
ceiver. The receiver uses either Internal Line Impedance or
External Line Impedance modes to match the line imped-
ances for E1 75
Ω, E1 120Ω or T1/J1 100Ω modes.
Internal Line Impedance Mode - The receiver uses the
same external resistors to match the line impedance (Refer
to Figure 17 on page 51).
External Line Impedance Mode - The receiver uses differ-
ent external resistors to match the line impedance (Refer to
Figure 18 on page 52).
- In host mode, the appropriate line impedance is selected
by the Line Length Data Register (11h) (See Section
14.18 on page 39).
- In hardware mode, the CBLSEL pin in combination with
the LEN pins select the appropriate line impedance. (Refer
to Table 3 on page 15 for proper line impedance settings).
NOTE: Data and clock recovered from the signal input on
these pins are output via RCLK, RPOS, and RNEG.
TTIP1
52
L5
O
Transmit Tip Output Port 1
TRING1
51
M5
O
Transmit Ring Output Port 1
RTIP1
55
M7
I
Receive Tip Input Port 1
RRING1
54
L7
I
Receive Ring Input Port 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com