Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C6726BRFP300 Datasheet(PDF) 78 Page - Texas Instruments

Part # TMS320C6726BRFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6726BRFP300 Datasheet(HTML) 78 Page - Texas Instruments

Back Button TMS320C6726BRFP300 Datasheet HTML 74Page - Texas Instruments TMS320C6726BRFP300 Datasheet HTML 75Page - Texas Instruments TMS320C6726BRFP300 Datasheet HTML 76Page - Texas Instruments TMS320C6726BRFP300 Datasheet HTML 77Page - Texas Instruments TMS320C6726BRFP300 Datasheet HTML 78Page - Texas Instruments TMS320C6726BRFP300 Datasheet HTML 79Page - Texas Instruments TMS320C6726BRFP300 Datasheet HTML 80Page - Texas Instruments TMS320C6726BRFP300 Datasheet HTML 81Page - Texas Instruments TMS320C6726BRFP300 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 118 page
background image
4.13.2 McASP Electrical Data/Timing
4.13.2.1 Multichannel Audio Serial Port (McASP) Timing
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
Table 4-24 and Table 4-25 assume testing over recommended operating conditions (see Figure 4-29 and
Figure 4-30).
Table 4-24. McASP Timing Requirements(1)(2)
NO.
MIN
MAX
UNIT
Cycle time, AHCLKR external, AHCLKR input
20
1
tc(AHCKRX)
ns
Cycle time, AHCLKX external, AHCLKX input
20
Pulse duration, AHCLKR external, AHCLKR input
7.5
2
tw(AHCKRX)
ns
Pulse duration, AHCLKX external, AHCLKX input
7.5
Cycle time, ACLKR external, ACLKR input
greater of 2P or 20 ns
3
tc(ACKRX)
ns
Cycle time, ACLKX external, ACLKX input
greater of 2P or 20 ns
Pulse duration, ACLKR external, ACLKR input
10
4
tw(ACKRX)
ns
Pulse duration, ACLKX external, ACLKX input
10
Setup time, AFSR input to ACLKR internal
8
Setup time, AFSX input to ACLKX internal
8
Setup time, AFSR input to ACLKR external input
3
5
tsu(AFRXC-ACKRX)
ns
Setup time, AFSX input to ACLKX external input
3
Setup time, AFSR input to ACLKR external output
3
Setup time, AFSX input to ACLKX external output
3
Hold time, AFSR input after ACLKR internal
0
Hold time, AFSX input after ACLKX internal
0
Hold time, AFSR input after ACLKR external input
3
6
th(ACKRX-AFRX)
ns
Hold time, AFSX input after ACLKX external input
3
Hold time, AFSR input after ACLKR external output
3
Hold time, AFSX input after ACLKX external output
3
Setup time, AXRn input to ACLKR internal
8
7
tsu(AXR-ACKRX)
Setup time, AXRn input to ACLKR external input
3
ns
Setup time, AXRn input to ACLKR external output
3
Hold time, AXRn input after ACLKR internal
3
8
th(ACKRX-AXR)
Hold time, AXRn input after ACLKR external input
3
ns
Hold time, AXRn input after ACLKR external output
3
(1)
ACLKX internal – ACLKXCTL.CLKXM = 1, PDIR.ACLKX = 1
ACLKX external input – ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 0
ACLKX external output – ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 1
ACLKR internal – ACLKRCTL.CLKRM = 1, PDIR.ACLKR =1
ACLKR external input – ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 0
ACLKR external output – ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 1
(2)
P = SYSCLK2 period
Peripheral and Electrical Specifications
78
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com