Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C6726BRFP300 Datasheet(PDF) 79 Page - Texas Instruments

Part # TMS320C6726BRFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6726BRFP300 Datasheet(HTML) 79 Page - Texas Instruments

Back Button TMS320C6726BRFP300 Datasheet HTML 75Page - Texas Instruments TMS320C6726BRFP300 Datasheet HTML 76Page - Texas Instruments TMS320C6726BRFP300 Datasheet HTML 77Page - Texas Instruments TMS320C6726BRFP300 Datasheet HTML 78Page - Texas Instruments TMS320C6726BRFP300 Datasheet HTML 79Page - Texas Instruments TMS320C6726BRFP300 Datasheet HTML 80Page - Texas Instruments TMS320C6726BRFP300 Datasheet HTML 81Page - Texas Instruments TMS320C6726BRFP300 Datasheet HTML 82Page - Texas Instruments TMS320C6726BRFP300 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 118 page
background image
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
Table 4-25. McASP Switching Characteristics(1)
NO.
PARAMETER
MIN
MAX
UNIT
Cycle time, AHCLKR internal, AHCLKR output
20
Cycle time, AHCLKR external, AHCLKR output
20
9
tc(AHCKRX)
ns
Cycle time, AHCLKX internal, AHCLKX output
20
Cycle time, AHCLKX external, AHCLKX output
20
Pulse duration, AHCLKR internal, AHCLKR output
(AHR/2) – 2.5(2)
Pulse duration, AHCLKR external, AHCLKR output
(AHR/2) – 2.5(2)
10
tw(AHCKRX)
ns
Pulse duration, AHCLKX internal, AHCLKX output
(AHX/2) – 2.5(3)
Pulse duration, AHCLKX external, AHCLKX output
(AHX/2) – 2.5(3)
Cycle time, ACLKR internal, ACLKR output
greater of 2P or 20 ns(4)
Cycle time, ACLKR external, ACLKR output
greater of 2P or 20 ns(4)
11
tc(ACKRX)
ns
Cycle time, ACLKX internal, ACLKX output
greater of 2P or 20 ns(4)
Cycle time, ACLKX external, ACLKX output
greater of 2P or 20 ns(4)
Pulse duration, ACLKR internal, ACLKR output
(AR/2) – 2.5(5)
Pulse duration, ACLKR external, ACLKR output
(AR/2) – 2.5(5)
12
tw(ACKRX)
ns
Pulse duration, ACLKX internal, ACLKX output
(AX/2) – 2.5(6)
Pulse duration, ACLKX external, ACLKX output
(AX/2) – 2.5(6)
Delay time, ACLKR internal, AFSR output
5
Delay time, ACLKX internal, AFSX output
5
Delay time, ACLKR external input, AFSR output
10
Delay time, ACLKX external input, AFSX output
10
Delay time, ACLKR external output, AFSR output
10
Delay time, ACLKX external output, AFSX output
10
13
td(ACKRX-FRX)
ns
Delay time, ACLKR internal, AFSR output
–1
Delay time, ACLKX internal, AFSX output
–1
Delay time, ACLKR external input, AFSR output
0
Delay time, ACLKX external input, AFSX output
0
Delay time, ACLKR external output, AFSR output
0
Delay time, ACLKX external output, AFSX output
0
Delay time, ACLKX internal, AXRn output
–1
5
14
td(ACLKX-AXRV)
Delay time, ACLKX external input, AXRn output
0
10
ns
Delay time, ACLKX external output, AXRn output
0
10
Disable time, ACLKX internal, AXRn output
–3
10
15
tdis(ACKX-AXRHZ)
Disable time, ACLKX external input, AXRn output
–3
10
ns
Disable time, ACLKX external output, AXRn output
–3
10
(1)
ACLKX internal – ACLKXCTL.CLKXM = 1, PDIR.ACLKX = 1
ACLKX external input – ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 0
ACLKX external output – ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 1
ACLKR internal – ACLKRCTL.CLKRM = 1, PDIR.ACLKR =1
ACLKR external input – ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 0
ACLKR external output – ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 1
(2)
AHR - Cycle time, AHCLKR.
(3)
AHX - Cycle time, AHCLKX.
(4)
P = SYSCLK2 period
(5)
AR - ACLKR period.
(6)
AX - ACLKX period.
Submit Documentation Feedback
Peripheral and Electrical Specifications
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com