Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS3310 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS3310
Description  Stereo Digital Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3310 Datasheet(HTML) 5 Page - Cirrus Logic

  CS3310 Datasheet HTML 1Page - Cirrus Logic CS3310 Datasheet HTML 2Page - Cirrus Logic CS3310 Datasheet HTML 3Page - Cirrus Logic CS3310 Datasheet HTML 4Page - Cirrus Logic CS3310 Datasheet HTML 5Page - Cirrus Logic CS3310 Datasheet HTML 6Page - Cirrus Logic CS3310 Datasheet HTML 7Page - Cirrus Logic CS3310 Datasheet HTML 8Page - Cirrus Logic CS3310 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
CS3310
DS82F1
5
CS3310
AINL
AINR
AGNDL
AGNDR
VD+
VA+
VA-
SDATAO
CS
SDATAI
TO ANOTHER
CS3310 OR
CONTROLLER
CONTROLLER
SCLK
AUDIO
SOURCE
AOUTL
AOUTR
7
10
11
12
13
14
15
+
+
+5V ANALOG
-5V ANALOG
2
3
6
16
9
DGND
5
AUDIO
OUTPUTS
4
ZCEN
0.1
µF
10
µF
+
10
1
MUTE
8
0.1
µ F
10
µ F
0.1
µF
0.1
µF
10
µF
47 k
*Required to terminate SDATAI due to high impedance
state of SDATAO when CS is high.
**Refer to Note 3.
*
**
Figure 2. Recommended Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com