Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS3310 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS3310
Description  Stereo Digital Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3310 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS3310 Datasheet HTML 2Page - Cirrus Logic CS3310 Datasheet HTML 3Page - Cirrus Logic CS3310 Datasheet HTML 4Page - Cirrus Logic CS3310 Datasheet HTML 5Page - Cirrus Logic CS3310 Datasheet HTML 6Page - Cirrus Logic CS3310 Datasheet HTML 7Page - Cirrus Logic CS3310 Datasheet HTML 8Page - Cirrus Logic CS3310 Datasheet HTML 9Page - Cirrus Logic CS3310 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CS3310
6
DS82F1
GENERAL DESCRIPTION
The CS3310 is a stereo, digital volume control designed for audio systems. The levels of the left
and right analog input channels are set by a 16-bit serial data word; the first 8 bits address the
right channel and the remaining 8 bits address the left channel, as detailed in Table 1. Resistor
values are decoded to 0.5 dB resolution by an internal multiplexer for a total attenuation range of
-95.5 dB. An output amplifier stage provides a programmable gain of up to 31.5 dB in 0.5 dB
steps. This results in an overall 8-bit adjustable range of 127 dB.
The CS3310 operates from
±5 V supplies and accepts inputs up to ±3.75 V. Once in operation,
the CS3310 can be brought to a muted state with the mute pin, MUTE, or by writing all zeros to
the volume control registers. The device contains a simple three wire serial interface which ac-
cepts 16-bit data. This interface also supports daisy-chaining capability.
SYSTEM DESIGN
Very few external components are required to support the CS3310. Normal power supply decou-
pling components are all that is required, as shown in Figure 2.
Serial Data Interface
The CS3310 has a simple, three wire interface that consists of three input pins: SDATAI, serial
data input; SCLK, serial data clock and CS, the chip select input. SDATAO, serial data output,
enables the user to read the current volume setting or provide daisy-chaining of multiple
CS3310’s.
The 16-bit serial data is formatted MSB first and clocked into SDATAI by the rising edge of SCLK
with CS low as shown in Figure 3. The data is latched by the rising edge of CS and the analog
output levels of both left and right channels are set. The existing data in the volume control data
register is clocked out SDATAO on the falling edge of SCLK. This data can be used to read cur-
rent gain/attenuation levels or to daisy chain multiple CS3310’s. See Figure 1 for proper setup
and hold times for CS, SDATAI, SCLK, and SDATAO. SCLK and SDATAI should be active only
during volume setting operations to achieve optimum dynamic range.
Daisy Chaining
Digitally controlled, multi-channel audio systems often result in complex address decoding which
complicates PCB layout. This is greatly simplified with the daisy-chaining capability of the
CS3310.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com