Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

09HSI-S043-R0-CHT Datasheet(PDF) 70 Page - Hirose Electric

Part # 09HSI-S043-R0-CHT
Description  IT3 Mezzanine Connector (25mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

09HSI-S043-R0-CHT Datasheet(HTML) 70 Page - Hirose Electric

Back Button 09HSI-S043-R0-CHT Datasheet HTML 63Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 64Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 65Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 66Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 67Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 68Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 69Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 70Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 71Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 70 / 71 page
background image
Signal Integrity Report – IT3 (25mm)
Page 70
Figure 117 shows the ADS setup for channel simulations. For each data rate, 1,000 bits were
simulated. Cross-talk values for each pair to the center pair were extracted and added to the final
voltage seen at the receiver of the center pair. The rise and fall times used are given by:
%
60
%
40
%
100
~
%
0
×
=
BitTime
RiseTime
Figure 117 Full channel with 14 FEXT setup
Figure 118 shows the ADS schematic for the transmitter circuit with 3-tap de-emphasis setup. Each
transmitter has a different bit pattern with a maximum register length of 32. The differential peak-
to-peak voltage at the output of the transmitter block is -1V to 1V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com