Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

09HSI-S043-R0-CHT Datasheet(PDF) 37 Page - Hirose Electric

Part # 09HSI-S043-R0-CHT
Description  IT3 Mezzanine Connector (25mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

09HSI-S043-R0-CHT Datasheet(HTML) 37 Page - Hirose Electric

Back Button 09HSI-S043-R0-CHT Datasheet HTML 33Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 34Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 35Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 36Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 37Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 38Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 39Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 40Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 41Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 71 page
background image
Signal Integrity Report – IT3 (25mm)
Page 37
Base Case 1 does not include crosstalk effects and Base Case 2 includes crosstalk of the channel
model without the connector.
Figure 64 - Figure 66 show the eye diagrams at receiver inputs for various data rates (3.125, 5
6.25 and 10Gbps) with via transition in the 16th PCB routing layer and with 14 FEXT.
The full IT3 channel model (raw data with connector), Base Case 1 (data without connector and
vias) and Base Case 2 (data without connector only) are portrayed in Figure 63.
Table 13 and Table 14 summarize the corresponding results for the eye diagram and their
comparison with Base Case 1 and Base Case 2. Column ΔIT3 is the timing jitter or voltage loss
caused by the IT3 connector (with and without vias).
Figure 63 Channel models used for eye diagram simulations
Data Rate
(Gbps)
PRE-
CURSOR[1]
MAIN
CURSOR
POST-
CURSOR[1]
3.125
-----
0.9056
-0.0944
5
-----
0.8747
-0.1253
6.25
-0.0359
0.8278
-0.1363
10
-0.0694
0.7635
-0.1670
Table 10 Base case 1: optimum tap setting coefficients for center pair 8 of IT3-25mm connector
Data Rate
(Gbps)
PRE-
CURSOR[1]
MAIN
CURSOR
POST-
CURSOR[1]
3.125
-----
0.8939
-0.1061
5
-----
0.8611
-0.1389
6.25
-0.0435
0.8099
-0.1466
10
-0.0826
0.7424
-0.1751
Table 11 Base case 2: optimum tap setting coefficients for center pair 8 of IT3-25mm connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com