Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IP4286CZ6 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # IP4286CZ6
Description  Integrated 4-channel ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4286CZ6 Datasheet(HTML) 1 Page - NXP Semiconductors

  IP4286CZ6 Datasheet HTML 1Page - NXP Semiconductors IP4286CZ6 Datasheet HTML 2Page - NXP Semiconductors IP4286CZ6 Datasheet HTML 3Page - NXP Semiconductors IP4286CZ6 Datasheet HTML 4Page - NXP Semiconductors IP4286CZ6 Datasheet HTML 5Page - NXP Semiconductors IP4286CZ6 Datasheet HTML 6Page - NXP Semiconductors IP4286CZ6 Datasheet HTML 7Page - NXP Semiconductors IP4286CZ6 Datasheet HTML 8Page - NXP Semiconductors IP4286CZ6 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
The IP4286CZ6 is designed to protect the capacitive loads of Input/Output (I/O) ports
(such as USB 2.0, Ethernet, DVI etc.) from being damaged by ElectroStatic Discharge
(ESD).
To provide ESD protection to downstream signal and supply components, the IP4286CZ6
incorporates four pairs of ultra-low capacitance rail-to-rail diodes plus two Zener diodes.
This provides protection against contact discharge voltages as high as
±8 kV in
accordance with IEC 61000-4-2, level 4.
The ESD protection is independent of the supply voltage due to the rail-to-rail diodes
being connected to a Zener diode.
The IP4286CZ6 is fabricated using monolithic silicon technology and integrates 4 ultra-low
capacitance rail-to-rail ESD protection diodes plus two Zener diodes.
1.2 Features
I Pb-free and RoHS compliant
I ESD IEC 61000-4-2 level 4, ±8 kV contact discharge compliant protection
I Four input ESD rail-to-rail protection diodes with ultra-low input capacitance of 0.6 pF
maximum
I Low-voltage clamping due to integrated Zener diodes
1.3 Applications
General-purpose downstream ESD protection high frequency analog signals and
high-speed serial data transmission for ports inside:
I PC/Notebook USB 2.0/IEEE 1394 ports
I Cellular and PCS mobile handsets
I DVI interfaces
I HDMI interfaces
I Cordless telephones
I Wireless data (WAN/LAN) systems
I PDAs
IP4286CZ6
Integrated 4-channel ESD protection
Rev. 01 — 20 April 2009
Objective data sheet


Similar Part No. - IP4286CZ6

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
IP4286CZ6-TBF NEXPERIA-IP4286CZ6-TBF Datasheet
343Kb / 14P
Integrated 4-channel ESD protection
Rev. 2 - 1 September 2010
IP4286CZ6-TTY NEXPERIA-IP4286CZ6-TTY Datasheet
343Kb / 14P
Integrated 4-channel ESD protection
Rev. 2 - 1 September 2010
More results

Similar Description - IP4286CZ6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF4211MN ONSEMI-NUF4211MN_09 Datasheet
166Kb / 6P
4-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
NUF4000MU ONSEMI-NUF4000MU_09 Datasheet
148Kb / 6P
4-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 3
NUF4010MU ONSEMI-NUF4010MU_09 Datasheet
148Kb / 6P
4-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 4
logo
SeCoS Halbleitertechnol...
KS05V4 SECOS-KS05V4 Datasheet
337Kb / 3P
Integrated ESD Protection array
logo
Socay Electornics Co., ...
EM2374K SOCAY-EM2374K Datasheet
363Kb / 3P
4-Channel EMI Filter with Integrated ESD Protection
logo
SeCoS Halbleitertechnol...
KS05E4 SECOS-KS05E4 Datasheet
96Kb / 3P
Integrated ESD Protection Array
KS05E4 SECOS-KS05E4_15 Datasheet
96Kb / 3P
Integrated ESD Protection Array
KS05V4 SECOS-KS05V4_15 Datasheet
99Kb / 3P
Integrated ESD Protection Array
logo
Littelfuse
NGB8204AN LITTELFUSE-NGB8204AN Datasheet
250Kb / 8P
Integrated ESD Diode Protection
logo
Nexperia B.V. All right...
IP4286CZ6-TBF NEXPERIA-IP4286CZ6-TBF Datasheet
343Kb / 14P
Integrated 4-channel ESD protection
Rev. 2 - 1 September 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com