Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4T3C Datasheet(PDF) 86 Page - STMicroelectronics

Part # STM8S105C4T3C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4T3C Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM8S105C4T3C Datasheet HTML 82Page - STMicroelectronics STM8S105C4T3C Datasheet HTML 83Page - STMicroelectronics STM8S105C4T3C Datasheet HTML 84Page - STMicroelectronics STM8S105C4T3C Datasheet HTML 85Page - STMicroelectronics STM8S105C4T3C Datasheet HTML 86Page - STMicroelectronics STM8S105C4T3C Datasheet HTML 87Page - STMicroelectronics STM8S105C4T3C Datasheet HTML 88Page - STMicroelectronics STM8S105C4T3C Datasheet HTML 89Page - STMicroelectronics STM8S105C4T3C Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 127 page
background image
Unit
Max
Min
Conditions
Parameter
Symbol
3.8
IIO = 10 mA,
VDD = 5 V
Output high level with eight pins
sourced
2.9
(1)
IIO = 20 mA,
VDD = 5 V
Output high level with four pins
sourced
(1) Data based on characterization results, not tested in production
Typical output level curves
10.3.7
The following figures show typical output level curves measured with output on a single pin.
Figure 27: Typ. VOL @ VDD = 5 V (standard ports)
DocID14771 Rev 9
86/127
STM8S105xx
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com