Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4T3C Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM8S105C4T3C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4T3C Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM8S105C4T3C Datasheet HTML 29Page - STMicroelectronics STM8S105C4T3C Datasheet HTML 30Page - STMicroelectronics STM8S105C4T3C Datasheet HTML 31Page - STMicroelectronics STM8S105C4T3C Datasheet HTML 32Page - STMicroelectronics STM8S105C4T3C Datasheet HTML 33Page - STMicroelectronics STM8S105C4T3C Datasheet HTML 34Page - STMicroelectronics STM8S105C4T3C Datasheet HTML 35Page - STMicroelectronics STM8S105C4T3C Datasheet HTML 36Page - STMicroelectronics STM8S105C4T3C Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 127 page
background image
General hardware register map
6.2.2
Table 9: General hardware register map
Reset
status
Register name
Register label
Block
Address
Reserved area (10 bytes)
0x00
5050 to
0x00
5059
0x00
Flash control register 1
FLASH_CR1
Flash
0x00
505A
0x00
Flash control register 2
FLASH_CR2
0x00
505B
0xFF
Flash complementary control
register 2
FLASH_NCR2
0x00
505C
0x00
Flash protection register
FLASH _FPR
0x00
505D
0xFF
Flash complementary protection
register
FLASH _NFPR
0x00
505E
0x00
Flash in-application programming
status register
FLASH _IAPSR
0x00
505F
Reserved area (2 bytes)
0x00
5060 to
0x00
5061
0x00
Flash program memory unprotection
register
FLASH _PUKR
Flash
0x00
5062
Reserved area (1 byte)
0x00
5063
0x00
Data EEPROM unprotection register
FLASH _DUKR
Flash
0x00
5064
33/127
DocID14771 Rev 9
Memory and register map
STM8S105xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com