Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STMPE610QTR Datasheet(PDF) 34 Page - STMicroelectronics

Part # STMPE610QTR
Description  S-Touch?? advanced touchscreen controller with 6-bit port expander
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE610QTR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STMPE610QTR Datasheet HTML 30Page - STMicroelectronics STMPE610QTR Datasheet HTML 31Page - STMicroelectronics STMPE610QTR Datasheet HTML 32Page - STMicroelectronics STMPE610QTR Datasheet HTML 33Page - STMicroelectronics STMPE610QTR Datasheet HTML 34Page - STMicroelectronics STMPE610QTR Datasheet HTML 35Page - STMicroelectronics STMPE610QTR Datasheet HTML 36Page - STMicroelectronics STMPE610QTR Datasheet HTML 37Page - STMicroelectronics STMPE610QTR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
Touchscreen controller
STMPE610
34/56
Doc ID 15432 Rev 3
FIFO_TH
FIFO threshold
Address:
0x4A
Type:
R/W
Reset:
0x00
Description:
Triggers an interrupt upon reaching or exceeding the threshold value. This field must not be set
as zero.
FIFO_CTRL_STA
FIFO threshold
Address:
0x4B
Type:
R/W
Reset:
0x20
Description:
Current status of FIFO..
76
543
2
1
0
FIFO_TH
[7:0] FIFO_TH: Touchscreen controller FIFO threshold
7654
3
2
1
0
FIFO_OFLOW
FIFO_FULL
FIFO_EMPTY
FIFO_TH_TRIG
RESERVED
FIFO_RESET
[7] FIFO_OFLOW:
Reads 1 if FIFO is overflow
[6] FIFO_FULL:
Reads 1 if FIFO is full
[5] FIFO_EMPTY:
Reads 1 if FIFO is empty
[4] FIFO_TH_TRIG:
0 = Current FIFO size is still below the threshold value
1 = Current FIFO size is at or beyond the threshold value
[3:1] RESERVED
[0] FIFO_RESET:
Write '0' : FIFO put out of reset mode
Write '1' : Resets FIFO. All data in FIFO will be cleared.
When TSC is enabled, FIFO resets automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com