Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STMPE610QTR Datasheet(PDF) 45 Page - STMicroelectronics

Part # STMPE610QTR
Description  S-Touch?? advanced touchscreen controller with 6-bit port expander
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE610QTR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STMPE610QTR Datasheet HTML 41Page - STMicroelectronics STMPE610QTR Datasheet HTML 42Page - STMicroelectronics STMPE610QTR Datasheet HTML 43Page - STMicroelectronics STMPE610QTR Datasheet HTML 44Page - STMicroelectronics STMPE610QTR Datasheet HTML 45Page - STMicroelectronics STMPE610QTR Datasheet HTML 46Page - STMicroelectronics STMPE610QTR Datasheet HTML 47Page - STMicroelectronics STMPE610QTR Datasheet HTML 48Page - STMicroelectronics STMPE610QTR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
STMPE610
Maximum rating
Doc ID 15432 Rev 3
45/56
13
Maximum rating
Stressing the device above the ratings listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only, and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
13.1
Recommended operating conditions
Table 18.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
4.5
V
VIO
GPIO supply voltage
4.5
V
ESD
ESD protection on each GPIO pin (air discharge)
4
kV
T
Operating temperature
-40 - 85
°C/W
TSTG
Storage temperature
-65 - 155
°C/W
TJ
Thermal resistance junction-ambient
96
°C/W
Table 19.
Power consumption
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
Vcc
Core supply voltage
Vio >= Vcc
1.65
−
3.6
V
VIO
I/O supply voltage
1.65
−
3.6
V
ICC-active
Core supply current
Touchscreen
controller at 100 Hz
sampling
VCC=1.8
− 3.3 V
−
0.5
1.0
uA
IIO-active
I/O supply current
Touchscreen
controller at 100 Hz
sampling
VIO =1.8 V
−
0.8
1.2
mA
IIO-active
I/O supply current
Touchscreen
controller at 100 Hz
sampling
VIO =3.3 V
−
2.0
2.8
mA
ICC-
hibernate
Core supply current
Hibernate state, no
I2C/SPI activity
VCC =1.8 V
−
0.5
1
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com