Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89LPC9211FDH Datasheet(PDF) 27 Page - NXP Semiconductors

Part # P89LPC9211FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9211FDH Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button P89LPC9211FDH Datasheet HTML 23Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 24Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 25Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 26Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 27Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 28Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 29Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 30Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 74 page
background image
P89LPC92X1_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 16 April 2009
27 of 74
NXP Semiconductors
P89LPC9201/9211/922A1/9241/9251
8-bit microcontroller with 8-bit ADC
7.5 Clock output
The P89LPC9201/9211/922A1/9241/9251 supports a user-selectable clock output
function on the P3.0/XTAL2/CLKOUT pin when crystal oscillator is not being used. This
condition occurs if another clock source has been selected (on-chip RC oscillator,
watchdog oscillator, external clock input on XTAL1) and if the RTC and WDT are not using
the crystal oscillator as their clock source. This allows external devices to synchronize to
the P89LPC9201/9211/922A1/9241/9251. This output is enabled by the ENCLK bit in the
TRIM register.
The frequency of this clock output is 1
⁄
2 that of the CCLK. If the clock output is not needed
in Idle mode, it may be turned off prior to entering Idle, saving additional power.
7.6 On-chip RC oscillator option
The P89LPC9201/9211/922A1/9241/9251 has a 6-bit TRIM register that can be used to
tune the frequency of the RC oscillator. During reset, the TRIM value is initialized to a
factory preprogrammed value to adjust the oscillator frequency to 7.373 MHz
± 1 % at
room temperature. End-user applications can write to the TRIM register to adjust the
on-chip RC oscillator to other frequencies. When the clock doubler option is enabled
(UCFG2.7 = 1), the output frequency is 14.746 MHz. If CCLK is 8 MHz or slower, the
CLKLP SFR bit (AUXR1.7) can be set to logic 1 to reduce power consumption. On reset,
CLKLP is logic 0 allowing highest performance access. This bit can then be set in
software if CCLK is running at 8 MHz or slower. When clock doubler option is enabled,
BOE1 bit (UCFG1.5) and BOE0 bit (UCFG1.3) are required to hold the device in reset at
power-up until VDD has reached its specified level.
7.7 Watchdog oscillator option
The watchdog has a separate oscillator which has a frequency of 400 kHz, calibrated to
± 5 % at room temperature. This oscillator can be used to save power when a high clock
frequency is not needed.
7.8 External clock input option
In this configuration, the processor clock is derived from an external source driving the
P3.1/XTAL1 pin. The rate may be from 0 Hz up to 18 MHz. The P3.0/XTAL2/CLKOUT pin
may be used as a standard port pin or a clock output. When using an oscillator frequency
above 12 MHz, BOE1 bit (UCFG1.5) and BOE0 bit (UCFG1.3) are required to hold the
device in reset at power-up until VDD has reached its specified level.
7.9 Clock sources switch on the fly
P89LPC9201/9211/922A1/9241/9251 can implement clock source switch in any sources
of watchdog oscillator, 7 MHz/14 MHz internal RC oscillator, external clock source
(external crystal or external clock input) during code is running. CLKOK bit in CLKCON
register is used to indicate the clock switch status. CLKOK is cleared when starting clock
source switch and set when completed. Notice that when CLKOK is ‘0’, writing to
CLKCON register is not allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com