Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4B6 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM8S105C4B6
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B6 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM8S105C4B6 Datasheet HTML 59Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 60Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 61Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 62Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 63Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 64Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 65Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 66Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 127 page
background image
(2) To calculate P
Dmax(TA), use the formula PDmax = (TJmax - TA)/ΘJA (see Thermal
characteristics ) with the value for TJmax given in the current table and the value for ΘJA
given in Thermal characteristics.
(3) Refer to Thermal characteristics.
(4)T
Jmax is given by the test limit. Above this value the product behavior is not guaranteed.
Figure 11: fCPUmax versus VDD
16
12
8
4
0
2.95
4.0
5.0
5.5
f
CPU (MHz)
Functionality guaranteed
@TA-40 to 125 °C
Supply voltage
Functionality
not
guaranteed
in this area
Table 20: Operating conditions at power-up/power-down
Unit
Max
Typ
Min
Conditions
Parameter
Symbol
µs/V
∞
2
(1)
VDD rise time rate
tVDD
∞
2
(1)
VDD fall time rate
ms
1.7
(1)
VDD rising
Reset releasedelay
tTEMP
V
2.95
2.8
2.65
Power-on reset
threshold
VIT+
2.88
2.7
2.58
Brown-out reset
threshold
VIT-
mV
70
Brown-out reset
hysteresis
VHYS(BOR)
(1) Guaranteed by design, not tested in production.
63/127
DocID14771 Rev 9
Electrical characteristics
STM8S105xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com