Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4B6 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM8S105C4B6
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B6 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM8S105C4B6 Datasheet HTML 47Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 48Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 49Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 50Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 51Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 52Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 53Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 54Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 127 page
background image
Vector
address
Wakeup from
active-halt
mode
Wakeup
from halt
mode
Description
Source
block
IRQ
no.
0x00 8044
-
-
Update/ overflow
TIM3
15
0x00 8048
-
-
Capture/ compare
TIM3
16
0x00 804C
-
-
Reserved
17
0x00 8050
-
-
Reserved
18
0x00 8054
Yes
Yes
I
2C interrupt
I
2C
19
0x00 8058
-
-
Tx complete
UART2
20
0x00 805C
-
-
Receive register DATA
FULL
UART2
21
0x00 8060
-
-
ADC1 end of conversion/
analog watchdog interrupt
ADC1
22
0x00 8064
-
-
TIM update/ overflow
TIM
23
0x00 8068
-
-
EOP/ WR_PG_DIS
Flash
24
0x00 806C
to 0x00
807C
Reserved
(1) Except PA1
51/127
DocID14771 Rev 9
Interrupt vector mapping
STM8S105xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com