Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4B6 Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM8S105C4B6
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B6 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM8S105C4B6 Datasheet HTML 110Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 111Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 112Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 113Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 114Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 115Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 116Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 117Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 127 page
background image
SDIP32 package mechanical data
11.2.6
Figure 52: 32-lead shrink plastic DIP (400 ml) package
76_ME
A2
A1
A
L
B1
B
e
eA
D
D
1
32
16
17
E1
E
C
eB
Table 57: 32-lead shrink plastic DIP (400 ml) package mechanical data
inches
(1)
mm
Dim.
Max
Typ
Min
Max
Typ
Min
0.2000
0.1480
0.1400
5.080
3.759
3.556
A
0.0200
0.508
A1
0.1800
0.1400
0.1200
4.572
3.556
3.048
A2
0.0230
0.0180
0.0140
0.584
0.457
0.356
B
0.0550
0.0400
0.0300
1.397
1.016
0.762
B1
0.0140
0.0100
0.0079
0.356
0.254
0.203
C
1.1201
1.1000
1.0799
28.450
27.940
27.430
D
0.4350
0.4098
0.3900
11.050
10.410
9.906
E
0.3700
0.3500
0.3000
9.398
8.890
7.620
E1
DocID14771 Rev 9
114/127
STM8S105xx
Package characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com