Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9RS08KB8CSG Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MC9RS08KB8CSG
Description  MCU Block Diagram
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9RS08KB8CSG Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MC9RS08KB8CSG Datasheet HTML 17Page - Freescale Semiconductor, Inc MC9RS08KB8CSG Datasheet HTML 18Page - Freescale Semiconductor, Inc MC9RS08KB8CSG Datasheet HTML 19Page - Freescale Semiconductor, Inc MC9RS08KB8CSG Datasheet HTML 20Page - Freescale Semiconductor, Inc MC9RS08KB8CSG Datasheet HTML 21Page - Freescale Semiconductor, Inc MC9RS08KB8CSG Datasheet HTML 22Page - Freescale Semiconductor, Inc MC9RS08KB8CSG Datasheet HTML 23Page - Freescale Semiconductor, Inc MC9RS08KB8CSG Datasheet HTML 24Page - Freescale Semiconductor, Inc MC9RS08KB8CSG Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Electrical Characteristics
MC9RS08KB12 Series MCU Data Sheet, Rev. 3
Freescale Semiconductor
21
Figure 26. Typical IOL vs. VOL
VDD = 3 V (Low Drive)
Figure 27. Typical IOL vs. VOL
VDD = 1.8 V (High Drive)
IOL vs VOL (Low Drive) at VDD = 3.0 V
0.00
1.00
2.00
3.00
4.00
5.00
6.00
0.2
0.4
0.6
0.8
1
1.2
1.4
VOL (V)
85C
25C
- 40C
IOL vs VOL (High Drive) at VDD = 1.8 V
0.00
1.00
2.00
3.00
4.00
5.00
6.00
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
VOL (V)
85C
25C
- 40C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com