Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA9600DP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9600DP
Description  Dual bidirectional bus buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9600DP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9600DP Datasheet HTML 3Page - NXP Semiconductors PCA9600DP Datasheet HTML 4Page - NXP Semiconductors PCA9600DP Datasheet HTML 5Page - NXP Semiconductors PCA9600DP Datasheet HTML 6Page - NXP Semiconductors PCA9600DP Datasheet HTML 7Page - NXP Semiconductors PCA9600DP Datasheet HTML 8Page - NXP Semiconductors PCA9600DP Datasheet HTML 9Page - NXP Semiconductors PCA9600DP Datasheet HTML 10Page - NXP Semiconductors PCA9600DP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
PCA9600_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 11 November 2009
7 of 30
NXP Semiconductors
PCA9600
Dual bidirectional bus buffer
9.
Characteristics
Table 6.
Characteristics
Tamb = −40 °C to +85 °C unless otherwise specified; voltages are specified with respect to GND with VCC = 2.5 V to 15 V
unless otherwise specified. Typical values are measured at VCC = 5 V and Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Power supply
VCC
supply voltage
operating
2.5
-
15
V
ICC
supply current
VCC = 5 V; buses HIGH
-
5.2
6.75
mA
VCC = 15 V; buses HIGH
-
5.5
7.3
mA
∆ICC
additional supply current
per TX/TY output driven LOW;
VCC = 5.5 V
-
1.4
3.0
mA
Bus pull-up (load) voltages and currents
Pins SX and SY; I2C-bus
VI
input voltage
open-collector; RX and
RY HIGH
--15
V
VO
output voltage
open-collector; RX and
RY HIGH
--15
V
IO
output current
static; VSX = VSY = 0.4 V
[1] 0.3
-
2
mA
IO(sink)
output sink current
dynamic; VSX = VSY = 1 V;
RX and RY LOW
715
-
mA
IL
leakage current
VSX = VSY = 15 V; RX and RY
HIGH
--10
µA
Pins TX and TY
VO
output voltage
open-collector
-
-
15
V
Iload
load current
maximum recommended on
buffered bus;
VTX =VTY = 0.4 V; SX and SY
LOW on I2C-bus = 0.4 V
--30
mA
IO
output current
from buffered bus; dynamic;
VTX = VTY = 1 V; SX and SY
LOW on I2C-bus = 0.4 V
60
130
-
mA
IL
leakage current
on buffered bus;
VTX =VTY =VCC =15V; SX
and SY HIGH
--10
µA
Input currents
II
input current
from I2C-bus on SX and SY
RX and RY HIGH or LOW;
SX and SY LOW
≤ 1V
[1] -
−0.3
−1mA
RX and RY HIGH; SX and
SY HIGH > 1.4 V
[1] --10
µA
from buffered bus on RX and
RY; SX and SY HIGH or LOW;
VRX =VRY = 0.4 V
[2] -
−1.5
−10
µA
IL
leakage current
on buffered bus input on RX
and RY; VRX = VRY =15V
--10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com