Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA9600DP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9600DP
Description  Dual bidirectional bus buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9600DP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9600DP Datasheet HTML 4Page - NXP Semiconductors PCA9600DP Datasheet HTML 5Page - NXP Semiconductors PCA9600DP Datasheet HTML 6Page - NXP Semiconductors PCA9600DP Datasheet HTML 7Page - NXP Semiconductors PCA9600DP Datasheet HTML 8Page - NXP Semiconductors PCA9600DP Datasheet HTML 9Page - NXP Semiconductors PCA9600DP Datasheet HTML 10Page - NXP Semiconductors PCA9600DP Datasheet HTML 11Page - NXP Semiconductors PCA9600DP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
PCA9600_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 11 November 2009
8 of 30
NXP Semiconductors
PCA9600
Dual bidirectional bus buffer
Output logic LOW level
Pins SX and SY
VOL
LOW-level output voltage
on Standard-mode or
Fast-mode I2C-bus
ISX =ISY = 3 mA; Figure 6
-
0.7
0.74
V
ISX =ISY = 0.3 mA; Figure 5
-
0.6
0.65
mV
on 5 V Fm+ I2C-bus
ISX =ISY = 7 mA
-
-
1
V
∆V/∆T
voltage variation with temperature
ISX =ISY = 0.3 mA to 3 mA
-
0
-
%/K
Input logic switching threshold voltages
Pins SX and SY
VIL
LOW-level input voltage
on normal I2C-bus; Figure 7
[3] 425
500
-
mV
Vth(IH)
HIGH-level input threshold voltage
on normal I2C-bus; Figure 8
-
500
580
mV
∆V/∆T
voltage variation with temperature
-
0
-
%/K
Pins RX and RY
VIH
HIGH-level input voltage
fraction of applied VCC
0.55VCC --V
Vth(i)
input threshold voltage
fraction of applied VCC
-
0.48VCC -V
VIL
LOW-level input voltage
fraction of applied VCC
-
-
0.4VCC
V
Logic level threshold difference
∆V
voltage difference
SX and SY; SX output LOW at
0.3 mA to SX input HIGH
maximum
[4] 50
--mV
Thermal resistance
Rth(j-pcb)
thermal resistance from junction to
printed-circuit board
SOT96-1 (SO8); average lead
temperature at board interface
-
127
-
K/W
Bus release on VCC failure
VCC
supply voltage
SX, SY, TX and TY; voltage at
which all buses are to be
released at 25
°C
--1
V
∆V/∆T
voltage variation with temperature
Figure 9
-
−4
-
%/K
Table 6.
Characteristics …continued
Tamb = −40 °C to +85 °C unless otherwise specified; voltages are specified with respect to GND with VCC = 2.5 V to 15 V
unless otherwise specified. Typical values are measured at VCC = 5 V and Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com